Electronic Components Datasheet Search
  English  ▼

X  

LT7170 Datasheet(PDF) 20 Page - Analog Devices

Part # LT7170
Description  20 A, 16 V, Single- or Dual-Phase, Silent Switcher Step-Down Regulators with Digital Power System Management
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7170 Datasheet(HTML) 20 Page - Analog Devices

Back Button LT7170 Datasheet HTML 16Page - Analog Devices LT7170 Datasheet HTML 17Page - Analog Devices LT7170 Datasheet HTML 18Page - Analog Devices LT7170 Datasheet HTML 19Page - Analog Devices LT7170 Datasheet HTML 20Page - Analog Devices LT7170 Datasheet HTML 21Page - Analog Devices LT7170 Datasheet HTML 22Page - Analog Devices LT7170 Datasheet HTML 23Page - Analog Devices LT7170 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
Data Sheet
LT7170/LT7170-1
THEORY OF OPERATION
analog.com
Rev. 0 | 20 of 36
If a fault occurs due to overtemperature, the LT7170/LT7170-1
respond as follows:
►
The output shuts down immediately.
►
The PGOOD pin pulls low.
►
The ALERT pin pulls low.
►
The overtemperature (OT) bit is set in the appropriate status
commands.
►
When the ADC measures that the temperature is less than
the overtemperature threshold, the LT7170/LT7170-1 attempt to
restart.
PGOOD PIN
The open-drain PGOOD pin is pulled low when the output is off for
any reason, during soft start and soft stop, or if the output voltage
is less than the VOUT_UV_FAULT_LIMIT. Other pin conditions are
defined in Table 6.
ALERT PIN
The SMBALERT_MASK command configures which warning and
fault indicators cause the LT7170/LT7170-1 to pull down the open-
drain ALERT pin.
Once the LT7170 or LT7170-1 pulls down the ALERT pin, the de-
vice continues to hold the ALERT pin low until one of the following
occurs:
►
The output is shut off and turned on.
►
A CLEAR_FAULTS, RESTORE_USER_ALL, or MFR_RESET
command is received.
►
All unmasked status bits are cleared by writing a 1 to each bit.
►
The device successfully transmits its address in response to the
PMBus alert response address.
►
Input power is removed from VIN and EXTVCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com