Electronic Components Datasheet Search
  English  ▼

X  

LT7170 Datasheet(PDF) 21 Page - Analog Devices

Part # LT7170
Description  20 A, 16 V, Single- or Dual-Phase, Silent Switcher Step-Down Regulators with Digital Power System Management
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7170 Datasheet(HTML) 21 Page - Analog Devices

Back Button LT7170 Datasheet HTML 17Page - Analog Devices LT7170 Datasheet HTML 18Page - Analog Devices LT7170 Datasheet HTML 19Page - Analog Devices LT7170 Datasheet HTML 20Page - Analog Devices LT7170 Datasheet HTML 21Page - Analog Devices LT7170 Datasheet HTML 22Page - Analog Devices LT7170 Datasheet HTML 23Page - Analog Devices LT7170 Datasheet HTML 24Page - Analog Devices LT7170 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Data Sheet
LT7170/LT7170-1
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 21 of 36
USING RESISTOR CONFIGURATION PINS
The LT7170/LT7170-1 have two resistor configuration pins,
VOUT_CFG and PWM_CFG, and each uses a single ±1% resistor
to select key operating parameters. The resistors on the config-
uration pins are measured upon power-up and execution of a
RESTORE_USER_ALL or MFR_RESET command.
SETTING OUTPUT VOLTAGE
The VOUT_COMMAND command specifies the output voltage
when the regulator is enabled.
VOUT_COMMAND can be initialized using a resistor connected
between the VOUT_CFG pin and the PGND or SGND pin based
on the values in Table 7. If the VOUT_CFG pin is open or tied to
VDD18, the VOUT_COMMAND command is loaded from the NVM to
set the output voltage.
The following commands are initialized based on a percentage of
the VOUT_COMMAND command if the resistor configuration pins
are used to initialize the output voltage:
►
VOUT_OV_FAULT_LIMIT: 10%
►
VOUT_OV_WARN_LIMIT: 7.5%
►
VOUT_MAX: 7.5%
►
VOUT_MARGIN_HIGH: 5%
►
VOUT_MARGIN_LOW: −5%
►
VOUT_UV_WARN_LIMIT: −6.5%
►
VOUT_UV_FAULT_LIMIT: −7%
Table 7. VOUT_CFG Pin Configuration Resistor Selection
Resistor Value
(±1%)
Output Voltage Set Point (V)1
VOUT Range
Effective Error Amplifier Gain
Regulator Enable2
Floating or VDD18
Initialized from the NVM (default
0.5 V)
Initialized from NVM
(default 0.4 V ≤ VOUT ≤
1.375 V)
Initialized from the NVM (default 300 μS)
Initialized from the NVM (default: regulator is
enabled if the RUN pin is asserted high)
124 kΩ
5
1.6 V ≤ VOUT ≤ 5.5 V
300 μS
Enabled if the RUN pin is asserted high
107 kΩ
3.3
1.6 V ≤ VOUT ≤ 5.5 V
300 μS
Enabled if the RUN pin is asserted high
93.1 kΩ
2.5
0.8 V ≤ VOUT ≤ 2.75 V
300 μS
Enabled if the RUN pin is asserted high
80.6 kΩ
1.8
0.8 V ≤ VOUT ≤ 2.75 V
300 μS
Enabled if the RUN pin is asserted high
69.8 kΩ
1.5
0.8 V ≤ VOUT ≤ 2.75 V
300 μS
Enabled if the RUN pin is asserted high
60.4 kΩ
1.35
0.8 V ≤ VOUT ≤ 2.75 V
300 μS
Enabled if the RUN pin is asserted high
51.1 kΩ
1.2
0.4 V ≤ VOUT ≤ 1.375 V 300 μS
Enabled if the RUN pin is asserted high
43.2 kΩ
1.1
0.4 V ≤ VOUT ≤ 1.375 V 300 μS
Enabled if the RUN pin is asserted high
36.5 kΩ
1.0
0.4 V ≤ VOUT ≤ 1.375 V 300 μS
Enabled if the RUN pin is asserted high
30.9 kΩ
0.9
0.4 V ≤ VOUT ≤ 1.375 V 300 μS
Enabled if the RUN pin is asserted high
25.5 kΩ
0.85
0.4 V ≤ VOUT ≤ 1.375 V 300 μS
Enabled if the RUN pin is asserted high
21 kΩ
0.8
0.4 V ≤ VOUT ≤ 1.375 V 300 μS
Enabled if the RUN pin is asserted high
16.5 kΩ
0.75
0.4 V ≤ VOUT ≤ 1.375 V 300 μS
Enabled if the RUN pin is asserted high
11.8 kΩ
0.7
0.4 V ≤ VOUT ≤ 1.375 V 300 μS
Enabled if the RUN pin is asserted high
6.65 kΩ
0.6
0.4 V ≤ VOUT ≤ 1.375 V 300 μS
Enabled if the RUN pin is asserted high
0 (SGND)
Initialized from the NVM (default
0.5 V)
Initialized from the NVM
(default 0.4 V ≤ VOUT ≤
1.375 V)
Initialized from the NVM (default 300 μS)
Disabled and the RUN pin is ignored
1 Output voltage set point is controlled by VOUT_COMMAND.
2 The PMBus ON_OFF_CONFIG command selects whether the RUN pin and/or the PMBus OPERATION command enables the regulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com