Electronic Components Datasheet Search
  English  ▼

X  

LT7170 Datasheet(PDF) 2 Page - Analog Devices

Part # LT7170
Description  20 A, 16 V, Single- or Dual-Phase, Silent Switcher Step-Down Regulators with Digital Power System Management
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7170 Datasheet(HTML) 2 Page - Analog Devices

  LT7170 Datasheet HTML 1Page - Analog Devices LT7170 Datasheet HTML 2Page - Analog Devices LT7170 Datasheet HTML 3Page - Analog Devices LT7170 Datasheet HTML 4Page - Analog Devices LT7170 Datasheet HTML 5Page - Analog Devices LT7170 Datasheet HTML 6Page - Analog Devices LT7170 Datasheet HTML 7Page - Analog Devices LT7170 Datasheet HTML 8Page - Analog Devices LT7170 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
Data Sheet
LT7170/LT7170-1
TABLE OF CONTENTS
analog.com
Rev. 0 | 2 of 36
Features................................................................ 1
Applications........................................................... 1
Typical Application.................................................1
General Description...............................................1
Functional Block Diagrams....................................3
Electrical Characteristics....................................... 5
Absolute Maximum Ratings...................................9
Thermal Resistance........................................... 9
ESD Caution.......................................................9
Pin Configuration and Function Descriptions...... 10
Typical Performance Characteristics................... 12
Theory of Operation.............................................17
Overview.......................................................... 17
Switching Regulator Control Loop....................17
NVM................................................................. 17
Power-Up and Initialization...............................18
Soft Start.......................................................... 18
Shutdown......................................................... 18
Warning and Fault Handling.............................18
PGOOD Pin......................................................20
ALERT Pin........................................................20
Applications Information...................................... 21
Using Resistor Configuration Pins....................21
Setting Output Voltage..................................... 21
Setting Switching Frequency and PWM
Mode.............................................................. 22
Single Phase for the LT7170............................ 23
Dual Phase for the LT7170-1........................... 24
Operating Frequency Trade-Offs......................24
Minimum On-Time and Minimum Off-Time
Considerations............................................... 24
Programmable Current Limit............................ 24
Inductor Selection.............................................25
Input and Output Capacitors............................ 25
Programmable PWM Control Loop
Compensation................................................ 25
Event-Based Sequencing.................................27
LTpowerPlay GUI............................................. 27
PMBus/I2C Serial Interface Summary................. 28
Layout Considerations.........................................32
Thermal Considerations...................................... 34
Typical Applications............................................. 35
Related Parts....................................................35
Outline Dimensions............................................. 36
Ordering Guide.................................................36
Evaluation Boards............................................ 36
REVISION HISTORY
1/2024—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com