Electronic Components Datasheet Search
  English  ▼

X  

LT7170 Datasheet(PDF) 19 Page - Analog Devices

Part # LT7170
Description  20 A, 16 V, Single- or Dual-Phase, Silent Switcher Step-Down Regulators with Digital Power System Management
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7170 Datasheet(HTML) 19 Page - Analog Devices

Back Button LT7170 Datasheet HTML 15Page - Analog Devices LT7170 Datasheet HTML 16Page - Analog Devices LT7170 Datasheet HTML 17Page - Analog Devices LT7170 Datasheet HTML 18Page - Analog Devices LT7170 Datasheet HTML 19Page - Analog Devices LT7170 Datasheet HTML 20Page - Analog Devices LT7170 Datasheet HTML 21Page - Analog Devices LT7170 Datasheet HTML 22Page - Analog Devices LT7170 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
Data Sheet
LT7170/LT7170-1
THEORY OF OPERATION
analog.com
Rev. 0 | 19 of 36
for a fault condition are restarted only when the fault condition is no
longer present and the following occurs:
►
The output is commanded to turn off and then to turn back on via
the RUN pin and/or OPERATION command.
►
A MFR_RESET command is issued.
►
VIN and EXTVCC bias power are removed and reapplied to the
LT7170/LT7170-1.
An LT7170/LT7170-1 retry following a fault does not clear the status
command bits. Therefore, when the output powers on after a fault,
the status bits can be read to determine the cause of the fault.
When a warning occurs related to the output voltage, output cur-
rent, or temperature, the LT7170/LT7170-1 pull the ALERT pin low,
the corresponding bit is set in the appropriate status commands,
and the regulators continue to operate.
If the output voltage falls to less than VOUT_UV_FAULT_LIMIT, the
LT7170/LT7170-1 respond as follows:
►
The PGOOD pin pulls low.
►
The ALERT pin pulls low.
►
The VOUT_UV fault bit is set in the STATUS_VOUT, STA-
TUS_BYTE, and STATUS_WORD commands.
►
The regulators continue to operate while limiting the maximum
valley current.
If a fault occurs due to output overvoltage or input overvoltage, the
LT7170/LT7170-1 respond as follows:
►
The output shuts down immediately.
►
The PGOOD pin pulls low.
►
The ALERT pin pulls low.
►
The corresponding indicator bits are set in the appropriate status
commands.
►
After 10 ms MFR_RETRY_DELAY time, the LT7170/LT7170-1
attempt to restart when the fault condition is no longer present.
Table 6. Factory Default Warnings and Faults Behavior
Warning or Fault Type
Detection
Method
Default Threshold
Default Regulator Response
PGOOD
ALERT
VOUT UV Warning
Comparator
VOUT_COMMAND: −6.5%
Continues operation
High-Z
Pull low
VOUT OV Warning
Comparator
VOUT_COMMAND: 7.5%
Continues operation
High-Z
Pull low
VOUT UV Fault
Comparator
VOUT_COMMAND: −7%
Continues operation
Pull low
Pull low
VOUT OV Fault
Comparator
VOUT_COMMAND: 10%
Shuts down and retries
Pull low
Pull low
VIN OV Fault
Comparator
17.6 V
Shuts down and retries
Pull low
Pull low
VIN UV Warning
ADC
−1.0 V (disabled)
Continues operation
High-Z
Pull low
Overtemperature Warning
ADC
140°C
Continues operation
High-Z
Pull low
Overtemperature Fault
ADC
160°C
Shuts down and retries
Pull low
Pull low
IOUT Overcurrent (IOUT_OC) Warning ADC
Average current (IAVG) > 20 A
Continues operation
High-Z
Pull low
IOUT Overcurrent Fault
Valley
comparator
IVALLEY > 6.5 A1
Continues operation
High-Z
High-Z
Turn-On Time (TON_MAX) Fault
Comparator and
timer
5 ms without exceeding
VOUT_UV_FAULT_LIMIT
Continues operation
Pull low
Pull low
Turn-Off Time (TOFF_MAX) Warning ADC and timer
0 (disabled)
Not applicable
High-Z
High-Z
SYNC Input Clock Error2
Input and output Not applicable
Locks off until next reset
Pull low
Pull low
NVM Error
CRC, ECC
Not applicable
Locks off until next reset
Pull low
Pull low
PMBus/I2C Communication Error
(CML)
Logic
Not applicable
Not applicable
High-Z
Pull low
1 The IOUT_OC_FAULT valley current threshold is controlled by MFR_PWM_MODE_LT7170, Bits[10:9].
2 When a SYNC input clock error is detected during initialization, the output of the devices is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com