Electronic Components Datasheet Search
  English  ▼

X  

M1012 Datasheet(PDF) 3 Page - Enercon Technologies Europe AG

Part # M1012
Description  DOUBLE-CONVERSION ONLINE UPS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

M1012 Datasheet(HTML) 3 Page - Enercon Technologies Europe AG

  M1012 Datasheet HTML 1Page - Enercon Technologies Europe AG M1012 Datasheet HTML 2Page - Enercon Technologies Europe AG M1012 Datasheet HTML 3Page - Enercon Technologies Europe AG M1012 Datasheet HTML 4Page - Enercon Technologies Europe AG M1012 Datasheet HTML 5Page - Enercon Technologies Europe AG M1012 Datasheet HTML 6Page - Enercon Technologies Europe AG M1012 Datasheet HTML 7Page - Enercon Technologies Europe AG M1012 Datasheet HTML 8Page - Enercon Technologies Europe AG M1012 Datasheet HTML 9Page - Enercon Technologies Europe AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Page 3 of 11
Feb 23, 2022
|
Rev (-)
|
Doc: DS_M1012 Series
M1012 Series– UPS
Cham,
www.enercon-europe.com
Netanya, www.enercon.co.il
Gurgaon, www.mpsindia.in
Switzerland
sales@enercon-europe.com
Israel
sales@enercon.co.il
India
sales@mpsindia.in
Protections 4
Input
• Under Voltage Lock-Out
Input stage shuts down when
input voltage falls below
80 VRMS
• Surge Suppressor
Protection against fast
transients
• Catastrophic Failure
Protection
20A circuit breaker on input
line, to protect the user's
system in case of internal
failure.
Output
• Overvoltage Protection
Output shuts down if output
voltage exceeds a preset
value due to internal failure.
• Current Limiting
Current waveform is clamped
(~21Apk@115VRMS), and the
output current shape will be
a sinewave with a “flat top”,
approaching a square wave
at short circuit.
• Short Circuit Protection
At high overload/short-
circuit, the output hiccups
several times. If the high
loading/short persists, the
output will be shut down.
General
• Over Temperature
Protection
o UPS shuts down individual
modules if their internal
temperature exceeds a
preset threshold. UPS
resumes operation
automatically upon
cooldown.
o Charger/discharger
disconnects the battery if its
temperature exceeds a
preset threshold. In this case,
the UPS continues operation
without backup.
Charger/discharger resumes
normal operation
automatically upon battery
cool down.
• Battery Management System
o Overcharge: Electronically
disconnects the battery if
overcharge state is detected.
o LVD: Electronic Low Voltage
Disconnect if battery voltage
drops below preset
threshold.
o Over Temperature:
Electronically disconnects the
battery if the internal
temperature exceeds a
preset threshold.
4 Thresholds and protections can be modified / removed – please consult factory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com