Electronic Components Datasheet Search
  English  ▼

X  

M1012 Datasheet(PDF) 10 Page - Enercon Technologies Europe AG

Part # M1012
Description  DOUBLE-CONVERSION ONLINE UPS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

M1012 Datasheet(HTML) 10 Page - Enercon Technologies Europe AG

Back Button M1012 Datasheet HTML 3Page - Enercon Technologies Europe AG M1012 Datasheet HTML 4Page - Enercon Technologies Europe AG M1012 Datasheet HTML 5Page - Enercon Technologies Europe AG M1012 Datasheet HTML 6Page - Enercon Technologies Europe AG M1012 Datasheet HTML 7Page - Enercon Technologies Europe AG M1012 Datasheet HTML 8Page - Enercon Technologies Europe AG M1012 Datasheet HTML 9Page - Enercon Technologies Europe AG M1012 Datasheet HTML 10Page - Enercon Technologies Europe AG M1012 Datasheet HTML 11Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Page 10 of 11
Feb 23, 2022
|
Rev (-)
|
Doc: DS_M1012 Series
M1012 Series– UPS
Cham,
www.enercon-europe.com
Netanya, www.enercon.co.il
Gurgaon, www.mpsindia.in
Switzerland
sales@enercon-europe.com
Israel
sales@enercon.co.il
India
sales@mpsindia.in
Cooling
The UPS uses two internal fans to cool itself during operation.
The fans speed is determined by the internal temperature.
A fan failure is a rare event. The fan's expected life is 40,000 hours @ 60°C ambient, or 70,000 hours
@ 40°C ambient. However, if this failure occurs, please replace the fan as soon as possible. A spare
part can be purchased from us for this purpose (MPS P/N M1012-3901).
Please refer to M1012 User Manual for maintenance instructions.
In case of a fan failure, the appropriate FAN FAIL LED will light up on the front panel, and an
indication will appear through the remote communication channel. The UPS will not shut down due
to the fan failure itself, but it may shut down due to internal over temperature, that can occur at high
power levels and within the normal ambient temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com