Electronic Components Datasheet Search
  English  ▼

X  

M1012 Datasheet(PDF) 9 Page - Enercon Technologies Europe AG

Part # M1012
Description  DOUBLE-CONVERSION ONLINE UPS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

M1012 Datasheet(HTML) 9 Page - Enercon Technologies Europe AG

Back Button M1012 Datasheet HTML 3Page - Enercon Technologies Europe AG M1012 Datasheet HTML 4Page - Enercon Technologies Europe AG M1012 Datasheet HTML 5Page - Enercon Technologies Europe AG M1012 Datasheet HTML 6Page - Enercon Technologies Europe AG M1012 Datasheet HTML 7Page - Enercon Technologies Europe AG M1012 Datasheet HTML 8Page - Enercon Technologies Europe AG M1012 Datasheet HTML 9Page - Enercon Technologies Europe AG M1012 Datasheet HTML 10Page - Enercon Technologies Europe AG M1012 Datasheet HTML 11Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Page 9 of 11
Feb 23, 2022
|
Rev (-)
|
Doc: DS_M1012 Series
M1012 Series– UPS
Cham,
www.enercon-europe.com
Netanya, www.enercon.co.il
Gurgaon, www.mpsindia.in
Switzerland
sales@enercon-europe.com
Israel
sales@enercon.co.il
India
sales@mpsindia.in
Functions
Pure Sine-Wave Output Voltage
The UPS employs a double-conversion online topology. In this topology, the output voltage is
ALWAYS generated inside the UPS, whether the input power is available or not.
This means that the load does not suffer from common problems of grid or generator connected
loads, such as surges, sags, brown-outs, spikes, frequency transients and high harmonic content.
This also means that the transfer from grid to battery backup, and vice versa, is seamless.
Backup
The UPS contains a plug-in, hot-swappable, LiFePO4 Battery Pack (MPS P/N M1012-3801), that
provides, when fully charged, at least ten minutes of backup operation at full load when ambient
temperature is between 0C to +50°C, in case of input power loss. Operation at lower temperature
down to -20°C is possible with reduced load.
Current Share
This connector is used to connect a stack of up to six (6) UPS devices in parallel, in order to enable
load current sharing. (Modification can be made to enable stacking of more than six UPSs. Please
contact the factory for more details).
See parallel connection scheme in the M1012 User Manual.
3-Phase Configuration
This connector is used to connect three units, in order to enable 3-phase connection, to support 3-
phase loads of up to 1.25kW/1.5kVA per phase.
See 3-phase connection scheme in the M1012 user manual.
Load Gauge
The UPS provides a ten-level load gauge, visible on the front panel and through the telemetry
communication channels.
Battery Fuel Gauge
The UPS provides a ten-level battery fuel gauge, visible on the front panel and through the telemetry
communication channels.
Alarm
The UPS provides alarms for various events, that can be viewed on the front panel and audibly heard.
The alarms can also be viewed through the telemetry communication channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com