Electronic Components Datasheet Search
  English  ▼

X  

M1012 Datasheet(PDF) 6 Page - Enercon Technologies Europe AG

Part # M1012
Description  DOUBLE-CONVERSION ONLINE UPS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

M1012 Datasheet(HTML) 6 Page - Enercon Technologies Europe AG

Back Button M1012 Datasheet HTML 2Page - Enercon Technologies Europe AG M1012 Datasheet HTML 3Page - Enercon Technologies Europe AG M1012 Datasheet HTML 4Page - Enercon Technologies Europe AG M1012 Datasheet HTML 5Page - Enercon Technologies Europe AG M1012 Datasheet HTML 6Page - Enercon Technologies Europe AG M1012 Datasheet HTML 7Page - Enercon Technologies Europe AG M1012 Datasheet HTML 8Page - Enercon Technologies Europe AG M1012 Datasheet HTML 9Page - Enercon Technologies Europe AG M1012 Datasheet HTML 10Page - Enercon Technologies Europe AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Page 6 of 11
Feb 23, 2022
|
Rev (-)
|
Doc: DS_M1012 Series
M1012 Series– UPS
Cham,
www.enercon-europe.com
Netanya, www.enercon.co.il
Gurgaon, www.mpsindia.in
Switzerland
sales@enercon-europe.com
Israel
sales@enercon.co.il
India
sales@mpsindia.in
Back Panel Layout
Switches
Name
Description
AC INPUT ON/OFF
250V / 20A circuit breaker.
Connects the UPS to the input voltage line and provides overload
and short circuit protection against internal failures.
Connectors
Designation
Name
Description
J1
INPUT
Input voltage connection.
Single-phase, 85-265Vrms, 47-63Hz / 400Hz
J2
RS-232
Remote communication, telemetry and control over RS-232
protocol.
Remote controlled standby mode (via dry contact).
J3
CSC/3PC
The UPS can be configured to operate in parallel with other UPSs in
current share mode, or in a 3-phase connection, by connecting an
appropriate cable to this connector.
J4
OUTPUT
Output voltage connection.
Single-phase, 115/230Vrms, 50/60/400Hz/Other (depending on
model)
J5
ETHERNET
Remote communication, telemetry and control, over Ethernet
protocol.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com