Electronic Components Datasheet Search
  English  ▼

X  

M1012 Datasheet(PDF) 7 Page - Enercon Technologies Europe AG

Part # M1012
Description  DOUBLE-CONVERSION ONLINE UPS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

M1012 Datasheet(HTML) 7 Page - Enercon Technologies Europe AG

Back Button M1012 Datasheet HTML 3Page - Enercon Technologies Europe AG M1012 Datasheet HTML 4Page - Enercon Technologies Europe AG M1012 Datasheet HTML 5Page - Enercon Technologies Europe AG M1012 Datasheet HTML 6Page - Enercon Technologies Europe AG M1012 Datasheet HTML 7Page - Enercon Technologies Europe AG M1012 Datasheet HTML 8Page - Enercon Technologies Europe AG M1012 Datasheet HTML 9Page - Enercon Technologies Europe AG M1012 Datasheet HTML 10Page - Enercon Technologies Europe AG M1012 Datasheet HTML 11Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Page 7 of 11
Feb 23, 2022
|
Rev (-)
|
Doc: DS_M1012 Series
M1012 Series– UPS
Cham,
www.enercon-europe.com
Netanya, www.enercon.co.il
Gurgaon, www.mpsindia.in
Switzerland
sales@enercon-europe.com
Israel
sales@enercon.co.il
India
sales@mpsindia.in
Pin Assignment
J1 – INPUT connector
Connector type: D38999/20WD5PN or eq.
Mates with: D38999/26WD5SN or eq.
Pin No.
Function
A
GND
B
Neutral
C
Neutral
D
Line
E
Line
J2 – RS-232 connector
Connector type: M24308/23-39F or eq.
Mates with: M24308/4-3F or eq.
Pin No.
Function
Pin No.
Function
1
N/C (for future use)
9
N/C (for future use)
2
N/C (for future use)
10
N/C (for future use)
3
N/C (for future use)
11
Tx
4
RMT_OUT_SHDN
12
5V_SIG
5
RMT_SHDN
13
SIGNAL RTN
6
Rx
14
N/C (for future use)
7
N/C (for future use)
15
RMT_SHDN_RTN
8
N/C (for future use)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com