Electronic Components Datasheet Search
  English  ▼

X  

M1012 Datasheet(PDF) 2 Page - Enercon Technologies Europe AG

Part # M1012
Description  DOUBLE-CONVERSION ONLINE UPS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

M1012 Datasheet(HTML) 2 Page - Enercon Technologies Europe AG

  M1012 Datasheet HTML 1Page - Enercon Technologies Europe AG M1012 Datasheet HTML 2Page - Enercon Technologies Europe AG M1012 Datasheet HTML 3Page - Enercon Technologies Europe AG M1012 Datasheet HTML 4Page - Enercon Technologies Europe AG M1012 Datasheet HTML 5Page - Enercon Technologies Europe AG M1012 Datasheet HTML 6Page - Enercon Technologies Europe AG M1012 Datasheet HTML 7Page - Enercon Technologies Europe AG M1012 Datasheet HTML 8Page - Enercon Technologies Europe AG M1012 Datasheet HTML 9Page - Enercon Technologies Europe AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Page 2 of 11
Feb 23, 2022
|
Rev (-)
|
Doc: DS_M1012 Series
M1012 Series– UPS
Cham,
www.enercon-europe.com
Netanya, www.enercon.co.il
Gurgaon, www.mpsindia.in
Switzerland
sales@enercon-europe.com
Israel
sales@enercon.co.il
India
sales@mpsindia.in
Highlights
• Input / Output isolation
• Pure sine-wave output
• Remote control and telemetry
• Internal EMI filters
• Battery Management System
• Battery hot-swappable
• Safe LiFePO4 battery chemistry
• Stackable for future proofing
o 1-phase: up to 7.5kW
o 3-phase: up to 3.75kW
• High efficiency design
• Protected against:
o Short-circuit / Overload
o Output over-voltage
o Over temperature
Electrical Specifications
Input
Voltage range1: 85 to 265 VRMS
Frequency: 47-63 Hz / 400 Hz
High Power Factor2: > 0.98
Operates through transients
IAW MIL-STD-704A-F
Output (Preset in factory)
Voltage: Up to 230VAC /400VDC
Frequency: Up to 800 Hz
Real Power: Up to 1250 W
Apparent power: Up to 1500 VA
Reactive power: Up to 830VAr
Isolation
Input to Output: 1000 VDC
Input to Case: 1000 VDC
Output to Case: 1000 VDC
Output Voltage Regulation
Less than ±3% (no load to full
load, –20C to +50C).
Output Waveform
Pure sinewave synthesized from
a crystal oscillator, with THDV
<1.5% into a linear load.
EMC
Designed to meet3 MIL-STD-
461F
CE101, CE102, CS101, CS114,
CS115, CS116, RE102, RS103
Backup
Backup (full load, 0C to +50°C):
> 10 minutes
Charge time from depleted to
full capacity (0C to +40°C): < 6
hours
Battery life expectancy: at least
1000 cycles.
Cooling
Self-cooled by two internal fans.
Thermally controlled fan speed, to reduce noise & increase
reliability.
Can operate with reduced performance in case of fan failure.
Fan assemblies are user replaceable.
1 Power capability is derated to 1000W below 102VRMS. DC input optional with special variant. consult factory.
2 Measured at 115V/60Hz with full resistive load
3 Compliance achieved with shielded cables



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com