Electronic Components Datasheet Search
  English  ▼

X  

AM400 Datasheet(PDF) 18 Page - Analog Microelectronics GmbH

Part # AM400
Description  PRINCIPLE FUNCTION
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGMICRO [Analog Microelectronics GmbH]
Direct Link  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH

AM400 Datasheet(HTML) 18 Page - Analog Microelectronics GmbH

Back Button AM400 Datasheet HTML 13Page - Analog Microelectronics GmbH AM400 Datasheet HTML 14Page - Analog Microelectronics GmbH AM400 Datasheet HTML 15Page - Analog Microelectronics GmbH AM400 Datasheet HTML 16Page - Analog Microelectronics GmbH AM400 Datasheet HTML 17Page - Analog Microelectronics GmbH AM400 Datasheet HTML 18Page - Analog Microelectronics GmbH AM400 Datasheet HTML 19Page - Analog Microelectronics GmbH AM400 Datasheet HTML 20Page - Analog Microelectronics GmbH AM400 Datasheet HTML 21Page - Analog Microelectronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
UNIVERSAL AMPLIFIER IC
AM400
analog microelectronics
October 2005
Analog Microelectronics GmbH
Phone:
+49 (0)6131/91 073 – 0
18/21
An der Fahrt 13, D – 55124 Mainz
Fax:
+49 (0)6131/91 073 – 30
Rev.: 4.2
Internet: http://www.analogmicro.de
Email:
info@analogmicro.de
BLOCK DIAGRAM, 20-POLE PINOUT AND DICE
PIN
NAME
EXPLANATION
1
CVREF
Current/Voltage reference
2
CVSET
Current/Voltage reference set
3
IN+
Positive input IA
4
IN–
Negative input IA
5
OUTIA
Output IA
6
INOP
Positive amplification OP input
7
GAIN
Gain set
8
OUTAD
System gain output
9
INDAI
Current output stage input
10
INDAV
Voltage output stage input
11
IOUT
Current output
12
RS–
Sensor resistor –
13
VCC
Supply voltage
14
RS+
Sensor resistor +
15
VOUT
Voltage output
16
VSET
Set reference voltage source
17
ZA
Zero adjustment (offset)
18
GND
IC ground
19
VREF
Reference voltage source output
20
SET
Output offset current set
Table 1:
Pinout of the 20-pole version of AM400
VREF
IN+
IN-
VOUT
SET
OUTAD INDAI
GND
VSET
INDAV
GAIN
ZA OUTIA INOP
3
4
IOUT
RS+
RS-
VCC
CVREF
CVSET
V
BG
17
5
IA
7
6
10
18
15
14
13
12
11
20
V
I
16
19
Voltage reference
1
9
OP1
8
3
4
2
AM400-0
OP2
OP3
Figure 9:
Block diagram of AM400 in the 20-pole version
1
20
2
19
318
4
17
5
16
615
7
14
813
9
12
10
11
CVREF
CVSET
IN+
IN-
OUTIA
INOP
GAIN
OUTAD
INDAI
INDAV
SET
VREF
GND
ZA
VSET
VOUT
RS+
VCC
RS-
IOUT
Figure 10:
Pinout of the 20-pole version
of AM400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com