Electronic Components Datasheet Search
  English  ▼

X  

AM400 Datasheet(PDF) 1 Page - Analog Microelectronics GmbH

Part # AM400
Description  PRINCIPLE FUNCTION
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGMICRO [Analog Microelectronics GmbH]
Direct Link  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH

AM400 Datasheet(HTML) 1 Page - Analog Microelectronics GmbH

  AM400 Datasheet HTML 1Page - Analog Microelectronics GmbH AM400 Datasheet HTML 2Page - Analog Microelectronics GmbH AM400 Datasheet HTML 3Page - Analog Microelectronics GmbH AM400 Datasheet HTML 4Page - Analog Microelectronics GmbH AM400 Datasheet HTML 5Page - Analog Microelectronics GmbH AM400 Datasheet HTML 6Page - Analog Microelectronics GmbH AM400 Datasheet HTML 7Page - Analog Microelectronics GmbH AM400 Datasheet HTML 8Page - Analog Microelectronics GmbH AM400 Datasheet HTML 9Page - Analog Microelectronics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
UNIVERSAL AMPLIFIER IC
AM400
analog microelectronics
Februar 2006
Analog Microelectronics GmbH
Phone:
+49 (0)6131/91 073 – 0
1/21
An der Fahrt 13, D – 55124 Mainz
Fax:
+49 (0)6131/91 073 – 30
Rev.: 4.3
Internet: http://www.analogmicro.de
Email:
info@analogmicro.de
PRINCIPLE FUNCTION
Amplification and conversion of differential input voltages or
those referenced to ground to industrial standard current (0/4...20mA) or
voltage signals (e.g. 0...5/10V, 0.5...4.5V)
TYPICAL APPLICATIONS
• Transducer for sensor applications
• Analog industrial output stage for microprocessor applications
• Modular signal conditioning with digital correction (Frame ASIC [1])
• Protected output stage power network
• Impedance converter
I
OUT = 0/4...20mA
AM400
V = 6…35V
CC
I = max 10mA
S
Differential input
voltage 400mV
Input voltage referenced
to ground 0...V -5V
CC
V = 0...V - 5V
adjustable, e.g. 0...5/10V
OUT
CC
V = 5/10V
REF


Similar Part No. - AM400

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AM400 AD-AM400 Datasheet
317Kb / 21P
UNIVERSAL AMPLIFIER IC
logo
WOLFSPEED, INC.
AM400 WOLFSPEED-AM400 Datasheet
312Kb / 21P
UNIVERSAL AMPLIFIER IC
Februar 2006 Rev.: 4.3
logo
AiT Semiconductor Inc.
AM4003 AITSEMI-AM4003 Datasheet
484Kb / 8P
MOSFET 30V N-CHANNEL ENHANCEMENT-MODE
REV1.0 - SEP 2021
logo
Analog Power
AM400N04-01B ANALOGPOWER-AM400N04-01B Datasheet
422Kb / 5P
N-Channel 40-V (D-S) MOSFET
More results

Similar Description - AM400

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RX3310A ETC-RX3310A Datasheet
73Kb / 2P
Principle and Application of UHF Receiving Chip RX3310A
logo
SEC Electronics Inc.
SICDS50V6 SECELECTRONICS-SICDS50V6_13 Datasheet
225Kb / 4P
Hall effect measuring principle
SICDS100V6 SECELECTRONICS-SICDS100V6_13 Datasheet
225Kb / 4P
Hall effect measuring principle
logo
Vishay Siliconix
981HE VISHAY-981HE Datasheet
495Kb / 6P
Easy mounting principle
27-Mar-15
logo
Infineon Technologies A...
TLE5012B INFINEON-TLE5012B Datasheet
2Mb / 50P
Giant Magneto Resistance (GMR)-based principle
Rev. 2.0, 2014-02
logo
PHOENIX CONTACT
1810191 PHOENIX-1810191 Datasheet
117Kb / 4P
Well-known connection principle allows worldwide use
1936186 PHOENIX-1936186 Datasheet
105Kb / 4P
Well-known connection principle allows worldwide use
logo
Infineon Technologies A...
TLE5014 INFINEON-TLE5014 Datasheet
1Mb / 45P
Giant Magneto Resistance (GMR)-based principle
Rev. 1.0 2018-04-04
TLE5014D INFINEON-TLE5014D Datasheet
438Kb / 13P
Giant Magneto Resistance (GMR)-based principle
Rev. 1.0 2018-04-04
logo
Shenzhen Huazhimei Semi...
HM224 HMSEMI-HM224 Datasheet
602Kb / 10P
touch IC designed using capacitive sensing principle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com