Electronic Components Datasheet Search
  English  ▼

X  

AM400 Datasheet(PDF) 19 Page - Analog Microelectronics GmbH

Part # AM400
Description  PRINCIPLE FUNCTION
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGMICRO [Analog Microelectronics GmbH]
Direct Link  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH

AM400 Datasheet(HTML) 19 Page - Analog Microelectronics GmbH

Back Button AM400 Datasheet HTML 13Page - Analog Microelectronics GmbH AM400 Datasheet HTML 14Page - Analog Microelectronics GmbH AM400 Datasheet HTML 15Page - Analog Microelectronics GmbH AM400 Datasheet HTML 16Page - Analog Microelectronics GmbH AM400 Datasheet HTML 17Page - Analog Microelectronics GmbH AM400 Datasheet HTML 18Page - Analog Microelectronics GmbH AM400 Datasheet HTML 19Page - Analog Microelectronics GmbH AM400 Datasheet HTML 20Page - Analog Microelectronics GmbH AM400 Datasheet HTML 21Page - Analog Microelectronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
UNIVERSAL AMPLIFIER IC
AM400
analog microelectronics
October 2005
Analog Microelectronics GmbH
Phone:
+49 (0)6131/91 073 – 0
19/21
An der Fahrt 13, D – 55124 Mainz
Fax:
+49 (0)6131/91 073 – 30
Rev.: 4.2
Internet: http://www.analogmicro.de
Email:
info@analogmicro.de
BLOCK DIAGRAM AND 16-POLE PINOUT
VREF
IN+
IN-
VOUT
SET
OUTAD
INDA
GND
ZA
GAIN
3
4
V
BG
13
5
14
12
IOUT
RS+
RS-
VCC
11
10
9
8
16
V
I
15
5V Reference
1
7
6
IA
AM400-1
CVREF
CVSET
2
OP1
OP2
OP3
Figure 11:
Block diagram of AM400 in the 16-pole version
PIN
NAME
EXPLANATION
1
CVREF
Current/Voltage reference
2
CVSET
Current/Voltage reference set
3
IN+
Positive input IA
4
IN–
Negative input IA
5
GAIN
Gain set
6
OUTAD
System gain output
7
INDA
Output stage input
8
IOUT
Current output
9
RS–
Sensor resistor –
10
VCC
Supply voltage
11
RS+
Sensor resistor +
12
VOUT
Voltage output
13
ZA
Zero adjustment (offset)
14
GND
IC ground
15
VREF
Reference voltage source output
16
SET
Output offset current set
Table 2:
Pinout of the 16-pole version of AM400
1
16
2
15
3
14
4
13
5
12
6
11
7
10
89
CVREF
CVSET
IN+
IN-
GAIN
OUTAD
INDA
IOUT
SET
VREF
GND
ZA
VOUT
RS+
VCC
RS-
Figure 12:
Pinout of the 16-pole
version of AM400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com