Electronic Components Datasheet Search
  English  ▼

X  

AM400 Datasheet(PDF) 3 Page - Analog Microelectronics GmbH

Part # AM400
Description  PRINCIPLE FUNCTION
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGMICRO [Analog Microelectronics GmbH]
Direct Link  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH

AM400 Datasheet(HTML) 3 Page - Analog Microelectronics GmbH

  AM400 Datasheet HTML 1Page - Analog Microelectronics GmbH AM400 Datasheet HTML 2Page - Analog Microelectronics GmbH AM400 Datasheet HTML 3Page - Analog Microelectronics GmbH AM400 Datasheet HTML 4Page - Analog Microelectronics GmbH AM400 Datasheet HTML 5Page - Analog Microelectronics GmbH AM400 Datasheet HTML 6Page - Analog Microelectronics GmbH AM400 Datasheet HTML 7Page - Analog Microelectronics GmbH AM400 Datasheet HTML 8Page - Analog Microelectronics GmbH AM400 Datasheet HTML 9Page - Analog Microelectronics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
UNIVERSAL AMPLIFIER IC
AM400
analog microelectronics
Februar 2006
Analog Microelectronics GmbH
Phone:
+49 (0)6131/91 073 – 0
3/21
An der Fahrt 13, D – 55124 Mainz
Fax:
+49 (0)6131/91 073 – 30
Rev.: 4.3
Internet: http://www.analogmicro.de
Email:
info@analogmicro.de
FEATURES
• Instrumentation amplifier with a wide
input voltage range
• Adjustable gain and offset
• Parallel analog voltage (e.g. 0...5/10V)
and current (e.g. 0/4...20mA) output
• Two and three-wire operation
• Protection against reverse polarity and
short-circuiting
• Output current limitation
• Integrated current source
• Adjustable integrated reference voltage
source: 4.5 to 10V
• Supply voltage: 6...35V
• Wide operating temperature range:
-40°C...+85°C
• Individually accessible function modules
• RoHS compliant
• Two package variants: SOP and SSOP
GENERAL DESCRIPTION
AM400 is a monolithically integrated measuring
amplifier with a parallel current and voltage
output which has been specifically developed for
the processing of differential input signals.
AM400 consists of various functional modules.
It contains both an instrumentation amplifier
input and an input for signals referenced to
ground. One particular feature of the device is
the current and voltage outputs which can be
used simultaneously. The output ranges can be
selected using external resistors, enabling
AM400 to be configured for the analog
0/4...20mA and 0...5/10V industrial power net-
work, for example. Integrated voltage and
current sources covering a wide range of values
can be used to power external components.
AM400 has been designed for ideal use with
external processors (such as a microprocessor,
for example, for signal correction [1]).
BLOCK DIAGRAM
VREF
IN+
IN-
VOUT
SET
OUTAD INDAI
GND
VSET
INDAV
GAIN
ZA OUTIA INOP
3
4
IOUT
RS+
RS-
VCC
CVREF
CVSET
V
BG
17
5
IA
7
6
10
18
15
14
13
12
11
20
V
I
16
19
Voltage reference
1
9
OP1
8
3
4
2
AM400-0
OP2
OP3
Figure 1: Block diagram of AM400 in the 20-pole version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com