Electronic Components Datasheet Search
  English  ▼

X  

AM400 Datasheet(PDF) 5 Page - Analog Microelectronics GmbH

Part # AM400
Description  PRINCIPLE FUNCTION
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGMICRO [Analog Microelectronics GmbH]
Direct Link  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH

AM400 Datasheet(HTML) 5 Page - Analog Microelectronics GmbH

  AM400 Datasheet HTML 1Page - Analog Microelectronics GmbH AM400 Datasheet HTML 2Page - Analog Microelectronics GmbH AM400 Datasheet HTML 3Page - Analog Microelectronics GmbH AM400 Datasheet HTML 4Page - Analog Microelectronics GmbH AM400 Datasheet HTML 5Page - Analog Microelectronics GmbH AM400 Datasheet HTML 6Page - Analog Microelectronics GmbH AM400 Datasheet HTML 7Page - Analog Microelectronics GmbH AM400 Datasheet HTML 8Page - Analog Microelectronics GmbH AM400 Datasheet HTML 9Page - Analog Microelectronics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
UNIVERSAL AMPLIFIER IC
AM400
analog microelectronics
October 2005
Analog Microelectronics GmbH
Phone:
+49 (0)6131/91 073 – 0
5/21
An der Fahrt 13, D – 55124 Mainz
Fax:
+49 (0)6131/91 073 – 30
Rev.: 4.2
Internet: http://www.analogmicro.de
Email:
info@analogmicro.de
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Instrumentation Amplifier (cont.)
VOS vs. Temperature
dVOS/dT
±5
µV/°C
Input Bias Current
IB
–100
–250
nA
IB vs. Temperature
dIB/dT
–0.4
–0.9
nA/°C
Output Voltage Range
VOUTIA
VCC < 9V, RLIA ≤ 10kΩ
0***
VCC – 4
V
VOUTIA
VCC ≥ 9V, RLIA ≤ 10kΩ
0***
5
V
Minimum Output Voltage
VOUTIAmin
Without external load resistance RLIA
4.5
16
mV
Load Capacitance
CL**
250
pF
Zero Adjust Stage
Internal Gain
GZA
0,94
1
1,06
Input Voltage
VZA
VZA ≤ VOUTIA - GIA VIN
0
VOUTIA
V
Offset Voltage
VOS
±0.5
±2.0
mV
VOS vs. Temperature
dVOS/dT
±1.6
±5
µV/°C
Input Bias Current
IB
47
120
nA
IB vs. Temperature
dIB/dT
18
30
pA/°C
Operational Amplifier Gain Stage (OP1)
Adjustable Gain
GGAIN
1
Input Range
IR
VCC < 10V
0
VCC – 5
V
IR
VCC ≥ 10V
0
5
V
Power Supply Rejection Ratio
PSRR
80
90
dB
Offset Voltage
VOS
±0.5
±2
mV
VOS vs. Temperature
dVOS/dT
±3
±7
µV/°C
Input Bias Current
IB
10
25
nA
IB vs. Temperature
dIB/dT
7
20
pA/°C
Output Voltage Limitation
VLIM
VREF
V
Output Voltage Range
VOUTAD
VCC < 10V
0
VCC – 5
V
VOUTAD
VCC ≥ 10V
0
VREF
V
Load Capacitance
CL
250
pF
Operational Amplifier Output Stage (OP2)
Internal Gain
GOP
2.15
2.20
2.25
Input Range
IR
VCC < 11V
0
VCC – 5
V
IR
VCC ≥ 11V
0
6
V
Power Supply Rejection Ratio
PSRR
80
90
dB
Offset Voltage
VOS
±0.5
±2
mV
VOS vs. Temperature
dVOS/dT
±3
±7
µV/°C
Input Bias Current
IB
10
25
nA
IB vs. Temperature
dIB/dT
7
20
pA/°C
Output Voltage Range
VOUT
VCC < 19V
0
VCC – 5
V
VOUT
VCC ≥ 19V
0
14
V
Output Current Limitation
ILIM
VOUT ≥ 10V
5
7
10
mA
Output Current
IOUT
0
ILIM
mA
Load Resistance
RL
2
k
Ω
Load Capacitance
CL
500
nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com