Electronic Components Datasheet Search
  English  ▼

X  

AM400 Datasheet(PDF) 20 Page - Analog Microelectronics GmbH

Part # AM400
Description  PRINCIPLE FUNCTION
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGMICRO [Analog Microelectronics GmbH]
Direct Link  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH

AM400 Datasheet(HTML) 20 Page - Analog Microelectronics GmbH

Back Button AM400 Datasheet HTML 13Page - Analog Microelectronics GmbH AM400 Datasheet HTML 14Page - Analog Microelectronics GmbH AM400 Datasheet HTML 15Page - Analog Microelectronics GmbH AM400 Datasheet HTML 16Page - Analog Microelectronics GmbH AM400 Datasheet HTML 17Page - Analog Microelectronics GmbH AM400 Datasheet HTML 18Page - Analog Microelectronics GmbH AM400 Datasheet HTML 19Page - Analog Microelectronics GmbH AM400 Datasheet HTML 20Page - Analog Microelectronics GmbH AM400 Datasheet HTML 21Page - Analog Microelectronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
UNIVERSAL AMPLIFIER IC
AM400
analog microelectronics
October 2005
Analog Microelectronics GmbH
Phone:
+49 (0)6131/91 073 – 0
20/21
An der Fahrt 13, D – 55124 Mainz
Fax:
+49 (0)6131/91 073 – 30
Rev.: 4.2
Internet: http://www.analogmicro.de
Email:
info@analogmicro.de
EXAMPLE APPLICATIONS
• Signal conditioning for ceramic and piezoresistive pressure sensing elements with an optional
external processor for error compensation
• Application as a converter IC
• Conditioning of signals referenced to ground (protected output stage, impedance converter, etc.)
V
S = 6...35V
AM400
Sensor supply
Voltage or current
µP
0/4...20mA
0...5/10V
Figure 13:
Application for ceramic and piezoresistive pressure sensors and an external
microcontroller
5V
AM400
6...35V
0/4...20mA
CAV424
0...5/10V
C
X1
C
X2
Figure 14:
Application as a converter IC together with CAV424 for the measurement of capacitive
V424 signals
AM400
6...35V
0/4...20mA
V
IN = 0...1, 0...5V
Others
Protection against
short-circuiting and
reverse polarity
Figure 15:
Application for input signals referenced to ground (protected output stage,
impedance converter, etc.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com