Electronic Components Datasheet Search
  English  ▼

X  

ML1565 Datasheet(PDF) 11 Page - Minilogic Device Corporation Limited

Part # ML1565
Description  Step-Up-Down DC-DC Converts
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML1565 Datasheet(HTML) 11 Page - Minilogic Device Corporation Limited

Back Button ML1565 Datasheet HTML 7Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 8Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 9Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 10Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 11Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 12Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 13Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 14Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 15Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
P11/21
Rev. C, Sep 2005
ML1565
Detailed Description (2)
● Buck-Boost Operation
The step-down input can be powered from the output of
the step-up. By cascading these two channels, the
step-down output can maintain regulation even as the
battery voltage falls below the step-down output voltage.
This is especially useful when trying to generate 3.3V
from 1-cell Li+ inputs, or 2.5V from 2-cell alkaline or NiMH
inputs, or when designing a power supply that must
operate
from
both
Li+
and
alkaline/NiMH
inputs.
Compound efficiencies of up to 90% can be achieved
when the step-up and step-down are operated in series.
Note that the step-up output supplies both the step-up
load and the step-down input current when the step-down
is powered from the step-up. The step-down input current
reduces the available step up output current for other
loads.
Direct Battery Step-down Operation
The step-down converter can also be operated directly
from the battery as long as the voltage at INSD does not
exceed OUTSU by more than a Schottky diode forward
voltage. When using this connection, connect a Schottky
diode from the battery input to OUTSU to INSD, which
adds a small additional current drain (of approximately
(VOUTSU – VINSD) / 10kΩ from OUTSU when INSD is not
connected directly to OUTSU.
Step-down direct battery operation improves efficiency for
the step-down output (up to 95%), but limits the upper limit
of the output voltage to 200mV less than the minimum
battery voltage. In 1-cell Li+ designs (with a 2.7V min), the
output can be set up to 2.5V. In 2-cell alkaline or
NiMH designs, the output may be limited to 1.5V or 1.8V,
depending on the minimum allowed cell voltage.
The step-down can only be briefly operated in dropout since
the ML1565 fault protection detects the out-of-regulation
condition and activates after 100,000 OSC cycles, or 200ms
at 500kHz. At that point, all ML1565 channels shut down.
Auxiliary DC-to-DC Controllers
The three auxiliary controllers operate as fixed-frequency
voltage-mode PWM controllers. They do not have internal
MOSFETs, so output power is determined by external
components. The controllers regulate output voltage by
modulating the pulse width of the DL_ drive signal to an
external N-channel MOSFET switch.
Figure 3 shows a functional diagram of an AUX controller
channel. A sawtooth oscillator signal at OSC governs timing.
At the start of each cycle, DL_ goes high, turning on the
external N-FET switch. The switch then turns off when the
internally level-shifted sawtooth rises above COMP_ or when
the maximum duty cycle is exceeded. The switch remains off
until the start of the next cycle. A transconductance error
amplifier forms an integrator at COMP_ so that DC high-loop
gain and accuracy can be maintained.
The auxiliary controllers do not start until the step-up
DC-to-DC output is in regulation. If the step-up, step-down or
any of the auxiliary controllers remains faulted for 100,000
OSC cycles, the all ML1565 channels latch off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com