Electronic Components Datasheet Search
  English  ▼

X  

ML1565 Datasheet(PDF) 19 Page - Minilogic Device Corporation Limited

Part # ML1565
Description  Step-Up-Down DC-DC Converts
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML1565 Datasheet(HTML) 19 Page - Minilogic Device Corporation Limited

Back Button ML1565 Datasheet HTML 13Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 14Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 15Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 16Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 17Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 18Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 19Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 20Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 21Page - Minilogic Device Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
P19/21
Rev. C, Sep 2005
ML1565
Applications Information (2)
Multiple Output Flyback Circuits
Some applications require multiple voltages from a single
converter channel. This is often the case when generating
voltages for CCD bias or LCD power. Figure 8 shows a
two-output flyback configuration with AUX_ controller. The
controller drives an external MOSFET that switches the
transformer
primary.
Two
transformer
secondaries
generate the output voltages. Only one positive output
voltage can be feedback, so the other voltages are set by
the turn ratio of the transformer secondaries. The load
stability of the other secondary voltages depends on
transformer leakage inductance and winding resistance.
Voltage regulation is best when the load on the secondary
with feedback is small when compared to the load on the
one that is. Regulation also improves if the load current
range is limited. Consult the transformer manufacturer for
the proper design for a given application.
Figure 8. +15V and -7.5V CCD Bias with Transformer
Boost with Charge Pump for Positive and Negative
Outputs
Negative output voltages can be produced without a
transformer, using a charge-pump circuit with an auxiliary
controller as shown in Figure 9. When MOSFET Q1 turns
off, the voltage at its drain rises to supply current to VOUT+.
At the same time, C1 charges to the voltage VOUT+
through D1.
Figure 9. ±15V Output Using a Boost with
Charge-Pump Inversion
When the MOSFET turns on, C1 discharges through D3,
thereby charging C3 to VOUT- minus the drop across D3 to
create roughly the same voltage as VOUT+ at VOUT - but with
inverted polarity. If different magnitudes are required for the
positive and negative voltages, a linear regulator can be
used at one of the outputs to achieve the desired voltages.
ML1565
ML1565



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com