Electronic Components Datasheet Search
  English  ▼

X  

ML1565 Datasheet(PDF) 18 Page - Minilogic Device Corporation Limited

Part # ML1565
Description  Step-Up-Down DC-DC Converts
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML1565 Datasheet(HTML) 18 Page - Minilogic Device Corporation Limited

Back Button ML1565 Datasheet HTML 13Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 14Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 15Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 16Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 17Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 18Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 19Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 20Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 21Page - Minilogic Device Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
P18/21
Rev. C, Sep 2005
ML1565
Applications Information (1)
LED, LCD, and Other Boost Applications
Any auxiliary channel can be used for a wide variety of
step-up applications. These include generation 5V or
some other voltage for motor or actuator drive, generating
15V or similar voltage for LCD bias, or generating a
step-up current source to efficiently drive a series array of
white LEDs for display backlighting. Figures 5 and 6 show
examples of these applications.
Figure 5. Using an AUX_ Controller Channel to
Generate LCD Bias
Figure 6. AUX_ Channel Powering a White LED
Step-Up Current Source
SEPIC Buch-Boost
The ML1565 ’s internal switch step-up and step-down can
be cascaded to make a high-efficiency buck-boost
converter, but it may sometimes be desirable to build a
second buck-boost converter with an AUX_ controller. One
type of step-up/step-down converter is the SEPIC (Figure
7). Inductors L1 and L2 can be separate inductors or
wound on a single core and coupled like a transformer.
Typically, a coupled inductor improves efficiency since
some power is transferred through the coupling, causing
less power to pass through the coupling capacitor (C2).
Likewise, C2 should have low ESR to improve efficiency.
The ripple current rating must be greater than the larger of
the input and output currents. The MOSFET (Q1)
drain-to-source voltage rating, and the rectifier (D1)
reverse-voltage rating must exceed the sum of the input
and output voltages. Other types of step-up/step-down
circuits are a flyback converter and a step-up converter
followed by a linear regulator.
Figure 7. Auxiliary SEPIC Configuration
ML1565
PART OF
ML 1565



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com