Electronic Components Datasheet Search
  English  ▼

X  

ML1565 Datasheet(PDF) 15 Page - Minilogic Device Corporation Limited

Part # ML1565
Description  Step-Up-Down DC-DC Converts
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML1565 Datasheet(HTML) 15 Page - Minilogic Device Corporation Limited

Back Button ML1565 Datasheet HTML 11Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 12Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 13Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 14Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 15Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 16Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 17Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 18Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 19Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
P15/21
Rev. C, Sep 2005
ML1565
Design Procedure (3)
Step-Up Component Selection
Step-Up compensation
The inductor and output capacitor are usually chosen first
in consideration of performance, size, and cost. The
compensation resistor and capacitor are then chosen to
optimize control-loop stability. In some cases it may help to
readjust the inductor or output capacitor value to get
optimum results. For typical designs, the component
values in the circuit of Figure 1 yield good results.
The step-up converter employs current-mode control,
thereby simplifying the control-loop compensation. When
the converter operates with continuous inductor current
(typically the case), a right-half-plane zero (RHPZ)
appears in the loop-gain frequency response. To ensure
stability, the control-loop gain should crossover (drop
below unity gain) at a frequency (fC) much less than that of
the right-half-plane zero.
The
relevant
characteristics
for
step-up
channel
compensation are:
1) Transconductance (from FBSU to COMPSU), gmEA
(135µS)
2) Current-sense amplifier transresistance, RCS, (0.3V/A)
3) Feedback regulation voltage, VFB(1.25V)
4) Step-up output voltage, VSUOUT, in V
5) Output load equivalent resistance, RLOAD,
in Ω = VSUOUT / ILOAD
The key steps for step-up compensation are:
1) Place fC sufficiently below the RHPZ and calculate Cc.
2) Select Rc based on the allowed load-step transient. Rc
sets a voltage delta on the COMP pin that corresponds
to load current step.
3) Calculate the output filter capacitor (COUT) required to
allow the Rc and Cc selected.
4) Determine if Cp is required (if calculated to be>10pF).
For
continuous
conduction,
the
right-plane
zero
frequency (fRHPZ) is given by:
fRHPZ
=
VOUTSU (1-D)
2 / (2π L ILOAD)
where D = the duty cycle = 1 – (VIN / VOUT), L is the inductor
value, and ILOAD is the maximum output current. Typically
target crossover (fc) for 1/6 the RHPZ. For example, if we
assume VIN = 2V, VOUT = 3.35V, and IOUT = 0.5A, then
RLOAD = 6.7Ω.
If we select L = 3.3µH then:
fRHPZ = 3.35(2/3.35)
2 / (2π x 4.7 x 10-6 x 0.5) = 115kHZ
Small, High-Efficiency, Five-channel
Digital Still Camera Power Supply
Choose fc = 200kHz. Calculate Cc:
Cc = (VFB/ VOUT)(RLOAD/ RCS)(gm/ 2π fc)(1-D)
=(1.25/3.35)(6.7/0.3) x (135µS/6.28 x 20kHz)
(2/3.35) = 5.35nF
Choose 6.8nF. Now select Rc such that transient droop
requirements are met. For example, if 4% transient droop
is allowed, the input to the error amplifier moves 0.04 x
1.25V, or 50mV. The error amp output drives 50mV x
135µS, or 6.75µA, across Rc to provide transient gain.
Since the current-sense transresistance is 0.3 V/A, the
value of Rc that allows the required load step swing:
Rc = 0.3 IIND(PK) / 6.75µA
In a step-up DC-to-DC converter, if LIDEAL is used, output
current relates to inductor current by:
IIND(PK) = 1.25 IOUT/ (1-D) = 1.25 IOUT VOUT / VIN
Thus, for a 400mA output load step with VIN = 2V and VOUT
= 3.35V:
Rc = [1.25(0.3 x 0.4 x 3.35) / 2]] / 6.75µA = 37kΩ
Note that the inductor does not limit the response in this
case since it can ramp at 2V/3.3µH, or 606mA/µs. The
output filter capacitor is then chosen so that the COUT RLOAD
pole cancels the Rc Cc Zero.
COUT RLOAD = Rc Cc
For example:
COUT = 37KΩ x 6.8nF / 6.7 = 37.5µF
Since a reasonable value for COUT is 47µF rather than 37.5,
choose 47µF and rescale Rc:
Rc = 47µF x 6.7 / 6.8nF = 46.3kΩ
which provides a slightly higher transient gain and
consequently less transient droop than previously selected.
If the output filter capacitor has significant ESR, a zero
occurs at:
ZESR = 1 / (2π COUT RESR)
If ZESR > fc, it can be ignored, as is typically the case with
ceramic output capacitors. If ZESR is less than fc, it should
be cancelled with a pole set by capacitor Cp connected
from COMPSU to GND:
Cp = COUT RESR / RC
If Cp is calculated to be < 10pF, it can be omitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com