Electronic Components Datasheet Search
  English  ▼

X  

ML1565 Datasheet(PDF) 20 Page - Minilogic Device Corporation Limited

Part # ML1565
Description  Step-Up-Down DC-DC Converts
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML1565 Datasheet(HTML) 20 Page - Minilogic Device Corporation Limited

Back Button ML1565 Datasheet HTML 13Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 14Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 15Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 16Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 17Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 18Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 19Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 20Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 21Page - Minilogic Device Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
P20/21
Rev. C, Sep 2005
ML1565
Applications Information (3)
Using SDOK for Power Sequencing
SDOK goes low when the step-down reaches regulation.
Some microcontrollers with low-voltage cores require that
the high-voltage (3.3V) I/O rail not be powered up until the
core has a valid supply. The circuit in Figure 11
accomplishes this by driving the gate of a PFET
connected
between
the
3.3V
output
and
the
microcontroller I/O supply. Alternately, power sequencing
may be implemented by connecting RC networks to the
appropriate converter ON_ inputs.
Figure 11. Using SDOK to Gate 3.3V Power to CPU
After the Core Voltage is OK
Setting OUTSD Below 1.25V
The step-down feedback voltage is 1.25V when FBSELSD
is high. With a standard two-resistor feedback network,
the output voltage may be set to values between 1.25V
and the input voltage. If a step-down output voltage less
than 1.25V is desired, it can be set by adding a third
feedback resistor from FB to a voltage higher than 1.25V
(the step-up output is a convenient voltage for this) as
shown in Figure 12. The equation governing output
voltage shown in Figure 12 is:
0= [(VSD – VFBSD) / R1] +[(0 – VFBSD) / R2]
+ [(VSU – VFBSD) / R3]
where VSD is the output voltage, VFBSD is 1.25V, and VSU is
the step-up output voltage. Note that any available voltage
that is higher than 1.25V can be used as the connection
point for R3 on Figure 12 and for the VSD term in the
equation. Since there are multiple solutions for R1, R2, and
R3, the above equation cannot be written in terms of one
resistor. The best method for determining resistor values is
to enter the above equation into a spreadsheet and test
estimated resistors’ values. A good starting point is with
100kΩ at R2 and R3.
Figure 12. Setting OUTSD for Outputs Below 1.25V
Designing a PC Board
Good PC board layout is important to achieve optimal
performance from the ML1565. Poor design can cause
excessive conducted and/or radiated noise.
Conductors carrying discontinuous currents, and any
high-current path should be made as short and wide as
possible. A separate low-noise ground plane containing the
reference and signal grounds should connect to the
power-ground plane at only one point to minimize the effect
of power-ground currents. Typically, the ground planes are
best joined right at the IC.
Keep the voltage feedback network very close to the IC,
preferably within 0.2in (5mm) of the FB_ pin. Nodes with
high dV/dt (switching nodes) should be kept as small as
possible and should be routed away from high-impedance
nodes such as FB_.
ML1565
ML1565



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com