Electronic Components Datasheet Search
  English  ▼

X  

ML1565 Datasheet(PDF) 14 Page - Minilogic Device Corporation Limited

Part # ML1565
Description  Step-Up-Down DC-DC Converts
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML1565 Datasheet(HTML) 14 Page - Minilogic Device Corporation Limited

Back Button ML1565 Datasheet HTML 10Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 11Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 12Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 13Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 14Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 15Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 16Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 17Page - Minilogic Device Corporation Limited ML1565 Datasheet HTML 18Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
P14/21
Rev. C, Sep 2005
ML1565
Design Procedure (2)
Setting Output voltages
The ML1565 step-up / step-down converters and the
AUX1 controllers have both factory-set and adjustable
output voltages. These are selected by FBSEL_ for the
appropriate channel. When FBSEL_ is low, the channel
output regulates at its preset voltage. When FBSEL_ is
high, the channel regulates FB_ at 1.25V for use with
external feedback resistors.
When setting the voltage for auxiliary channels 2 and 3, or
when using external feedback at FBSU, FBSD, or FB1,
connect a resistive voltage-divider from the output voltage
to the corresponding FB_ input. The FB_ input bias
current is less than 100nA, so choose the low-side
(FB_-to-GND) resistor (RL), to be 100kΩ or less. Then
calculate the high-side (output-to-FB_) resistor (RH) using:
RH = RL [ (VOUT / 1.25) -1 ]
General Filter Capacitor Selection
The input capacitor in DC-to-DC converter reduces current
peaks drawn from the battery, or other input power source,
and reduces switching noise in the controller. The
impedance of the input capacitor at the switching
frequency should be less than that of the input source so
that high-frequency switching currents do not pass through
the input source.
The output capacitor keeps output ripple small and ensure
control-loop stability. The output capacitor must also have
low impedance at the switching frequency. Ceramic,
polymer, and tantalum capacitors are suitable, with
ceramic exhibiting the lowest ESR and high-frequency
impedance.
Output
ripple
with
a
ceramic
output
capacitor
is
approximately:
VRIPPLE =
IL( PEAK ) [ 1 / (2πfOSCCOUT) ]
If the capacitor has significant ESR, the output ripple
component due to capacitor ESR is:
VRIPPLE =
IL( PEAK ) ESR
Output capacitor specifics are also discussed in the
Step-Up Compensation section and the Step-Down
Compensation section.
Step-Up Component Selection
The external components required for the step-up are
an inductor,
input
and output
filter capacitor, and
compensation RC. Typically, the inductor is selected to
operate with continuous current for best efficiency. An
exception might be if the step-up ratio, (VOUT / VIN ), is
greater than 1/(1 – DMAX), where DMAX is the maximum
PWM duty factor of 80%.
When using the step-up channel to boost from a low input
voltage, loaded startup is aided by connecting a Schottky
diode from the battery to OUTSU. See the Minimum
Startup Voltage vs. Load Current graph in the Typical
Operating characteristics.
Step-Up Inductor
In most step-up designs, a reasonable inductor value
(LIDEAL) can be derived from the following equation. Which
sets continuous peak-to-peak inductor current at one-half
the DC inductor current:
LIDEAL = [ 2 VIN(MAX) D (1-D) ] / (IOUT fOSC)
where D is the duty factor given by:
D = 1 – ( VIN / VOUT )
Given LIDEAL , the consistent peak-to peak inductor
current is 0.5IOUT / (1-D).The peak inductor current,
IIND(PK)=1.25IOUT / (1-D). Inductance values smaller than
LIDEAL can be used to reduce inductor size. However, if
much smaller values are used, the inductor current rises
and a larger output capacitance may be required to
suppress output ripple.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com