Electronic Components Datasheet Search
  English  ▼

X  

3280 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 3280
Description  Electromotive 2-way globe proportional valve
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3280 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  3280 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 3280 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 3280 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 3280 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 3280 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 3280 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 3280 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 3280 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 3280 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Type 3280
3 | 18
Visit product website 
1.
General technical data
1.1. General
Product properties
Dimensions
Further information can be found in chapter “4. Dimensions” on page 7.
Material
Further information can be found in chapter “3.2. Material specifications” on page 6.
Valve body
Brass or stainless steel
Seal1.)
• NBR for liquids
• EPDM for liquids and special gases (e. g. ammonia, acetylene)
• FKM for neutral gases
Design
• Globe On/Off valve
• Globe control valve
Connection nominal diameter
DN 8…DN 15, NPS ¼, ⅜, ½
Safety setting in case of power
failure
With capacitive buffer module as accessory, see chapter “4.4. Capacitive buffer module” on page
10.
Flow direction
Against closing direction (below seat)
Controller variant
Standard On/Off, standard control valve, position controller or process controller
Weight
~0.7 kg
Status display
LED (Refer to the operating instructions Type 3280  for more information.)
Performance data
Typical values of positioning behaviour2.)
Dead band of the position
control
± 0.5 % (corresponds to setting range 1:100)
Closing time
2.5 s
Operating pressure
0…6 bar(g)
(High pressure version up to 22 bar(g) (depending on seat size, see chapter “6.2. Pressure range” on
page 13) available (optional))
Vacuum version up to - 0.9 bar(g) (optional)
K
VS value
0.03…1.9 m³/h (see chapter “6.2. Pressure range” on page 13)
Electrical data
Operating voltage
24 V DC ± 10 % (max. residual ripple 10 %)
Duty cycle
Up to 100 % (depending on medium and ambient temperature)
Power consumption
< 1 W in holding position
Max. 8 W (DN 2…DN 6) resp. max. 12 W (DN 8 and DN 10, as well as high-pressure versions)
Medium data
Operating medium
Neutral gases, liquids
Medium temperature
• EPDM (seal material): - 30 °C…+ 70 °C
• FKM, NBR (seal material): 0 °C…+ 70 °C
Viscosity
Max. 600 mm²/s (cSt)
Process/Port connection & communication
Port connection3.)
• Threaded connection
– G (EN ISO 228 - 1)
– NPT (ASME B 1.20.1)
• Flange connection
• Cartridge connection
Further information can be found in chapter “4. Dimensions” on page 7.
Communication and control
Standard signal (analogue)
Setpoint: binary, 0/4…20 mA, 0…5/10 V and digital input, see chapter “1.2. Electrical control and
interfaces” on page 4.
Fieldbus (digital)
• Bürkert system bus (büS)
• CANopen (optional)
EDIP
Field device for integration into the EDIP platform via Bürkert system bus (büS)
Further information can be found in chapter “8.2. Bürkert Communicator Software” on page 16.
Approvals and conformities
Degree of protection
IP54
Foods and beverages/Hygiene
Further information can be found in chapter “2.4. Foods and beverages/Hygiene” on page 5.
Others
Further information can be found in chapter “2.5. Others” on page 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com