Electronic Components Datasheet Search
  English  ▼

X  

3280 Datasheet(PDF) 17 Page - Christian Bürkert GmbH & Co. KG

Part # 3280
Description  Electromotive 2-way globe proportional valve
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3280 Datasheet(HTML) 17 Page - Christian Bürkert GmbH & Co. KG

Back Button 3280 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 3280 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 3280 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 3280 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 3280 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 3280 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 3280 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 3280 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 3280 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
Type 3280
17 | 18
Visit product website 
Connection Type 3280 with Bürkert Communicator software
The interface to the “Bürkert Communicator” software tool is based on CANopen. A corresponding bus termination is mandatory. For
variants with standard signal interfaces, please activate the switchable terminating resistor on the büS stick. For variants with büS/
CANopen communication interface, this terminating resistor should not be switched on if the device is already integrated in a properly
terminated bus network.
• A büS stick is required to connect the motor valve to the “Bürkert Communicator” software tool. The büS stick sets contain the neces-
sary accessories.
• For variants with büS/CANopen communication interface, the connection is made directly via the 5-pin M12 plug
(büS stick set 1 contains the necessary accessories).
• Variants with standard signal interfaces are connected via the 8-pin M12 plug on the device
(büS stick set 1 + büS adapter; socket 8-pin M12 to plug 5-pin M12 contain the necessary accessories).
9.
Ordering information
9.1. Bürkert eShop
Bürkert eShop – Easy ordering and quick delivery
You want to find your desired Bürkert product or spare part quickly and order directly? Our
online shop is available for you 24/7. Sign up and enjoy all the benefits.
Order online now
9.2. Recommendation regarding product selection
Note:
• The configuration of the seat size is very important for proportional valves to ensure proper functioning within the application. The seat
size must be selected in such a way that on the one hand the desired flow range is achieved and on the other hand a sufficient part of
the total pressure drop across the valve takes place when the valve is fully open.
• Reference value: pressure drop of the valve > 25 % of the total pressure drop
• Let Bürkert engineers advise you already in the planning phase.
9.3. Bürkert product filter
Bürkert product filter – Get quickly to the right product
You want to select products comfortably based on your technical requirements?
Use the Bürkert product filter and find suitable articles for your application quickly and easily.
Try out our product filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com