Electronic Components Datasheet Search
  English  ▼

X  

3280 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 3280
Description  Electromotive 2-way globe proportional valve
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3280 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  3280 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 3280 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 3280 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 3280 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 3280 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 3280 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 3280 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 3280 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 3280 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Visit product website 
DATA SHEET
Type 8006
Mass Flow Meter (MFM)
Type 8008
Flowmeter for gases
Type 8746
Mass flow controller
(MFC) / Mass flow meter
(MFM) for gases
Type 8611
eCONTROL - Universal
controller
Standard | EU | en | 2023-11-06 | 29
Electromotive 2-way globe proportional valve
• Actuator is not wetted
• Excellent setting range and fast reaction time
• Low electrical power consumption
• Connection orifice DN 8...15
• Variants: standard, positioner, process controller; and high-pressure
variants for up to 22 bar
The direct-acting Type 3280 motor valve is suitable for dosing liquids and gases in
closed or open control loops. The valve is driven by a linear stepper motor. The
integrated electronics assembly simplifies the process integration; additional actu-
ation modules are not necessary. The engine does not need any energy to maintain
a certain valve opening. This feature can reduce the energy consumption of a plant
dramatically and therefore make it more efficient. Type 3280 is available as an ON/
OFF valve or proportional valve by default, as a variant with integrated positioner,
and as a variant with integrated process controller.
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
Type 3280
© Christian Bürkert GmbH & Co. KG, Subject to alteration


Similar Part No. - 3280

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3280 ALLEGRO-3280 Datasheet
197Kb / 12P
CHOPPER-STABILIZED, PRECISION HALL-EFFECT LATCHES
3280 ALLEGRO-3280 Datasheet
266Kb / 11P
CHOPPER-STABILIZED, PRECISION HALL-EFFECT LATCHES
logo
KR Electronics, Inc.
3280 KR-3280 Datasheet
70Kb / 3P
KR Electronics part number 3280 is a 360 MHz bandpass filter
logo
Allegro MicroSystems
3280 ALLEGRO-3280 Datasheet
154Kb / 8P
SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
logo
Christian Bürkert GmbH ...
3280 BURKERT-3280 Datasheet
962Kb / 10P
Flowmeter for gases
06.08.2021
More results

Similar Description - 3280

ManufacturerPart #DatasheetDescription
logo
BELIMO AIRCONTROLS (USA...
ZS-GV-001 BELIMO-ZS-GV-001 Datasheet
160Kb / 1P
Globe Valve Weathershield
ZS-GV-002 BELIMO-ZS-GV-002 Datasheet
137Kb / 1P
Globe Valve Weathershield
logo
Festo Corporation.
VEAA-B-3-D9-F-A4-1R1 FESTO-VEAA-B-3-D9-F-A4-1R1 Datasheet
86Kb / 2P
Proportional pressure control valve
VPWS-1.5-B-6-PC15-8-V FESTO-VPWS-1.5-B-6-PC15-8-V Datasheet
87Kb / 2P
Proportional directional control valve
VEAB-B-26-D2-F-A4-1R1 FESTO-VEAB-B-26-D2-F-A4-1R1 Datasheet
86Kb / 2P
Proportional pressure control valve
VEAB-B-26-D9-F-V1-1R1 FESTO-VEAB-B-26-D9-F-V1-1R1 Datasheet
86Kb / 2P
Proportional pressure control valve
VEAB-B-26-D12-F-A4-1R1 FESTO-VEAB-B-26-D12-F-A4-1R1 Datasheet
86Kb / 2P
Proportional pressure control valve
VEAB-L-26-D14-Q4-A4-1R1 FESTO-VEAB-L-26-D14-Q4-A4-1R1 Datasheet
90Kb / 2P
Proportional pressure control valve
logo
WAGO Kontakttechnik Gmb...
750-632 WAGO-750-632 Datasheet
606Kb / 11P
Proportional valve module
750-632-000-100 WAGO-750-632-000-100 Datasheet
446Kb / 10P
Proportional valve module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com