Electronic Components Datasheet Search
  English  ▼

X  

3280 Datasheet(PDF) 18 Page - Christian Bürkert GmbH & Co. KG

Part # 3280
Description  Electromotive 2-way globe proportional valve
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3280 Datasheet(HTML) 18 Page - Christian Bürkert GmbH & Co. KG

Back Button 3280 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 3280 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 3280 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 3280 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 3280 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 3280 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 3280 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 3280 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 3280 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
Type 3280
18 | 18
Visit product website 
9.4. Bürkert Product Enquiry Form
Bürkert Product Enquiry Form – Your enquiry quickly and compactly
Would you like to make a specific product enquiry based on your technical requirements?
Use our Product Enquiry Form for this purpose. There you will find all the relevant informa-
tion for your Bürkert contact. This will enable us to provide you with the best possible
advice.
Fill out the form now
9.5. Ordering chart accessories
Standard accessories
Description
Article no.
Power supply unit Phoenix Class2 (Type 1573), 85…240 V AC/24 V DC, 1.25 A, NEC Class 2 (UL 1310)
772438 
Power supply unit for standard rail (Type 1573), 100…240 V AC/24 V DC, 1 A, NEC Class 2 (UL 1310)
772361 
Power supply unit for standard rail (Type 1573), 100…240 V AC/24 V DC, 2 A, NEC Class 2 (UL 1310)
772362 
Power supply unit for standard rail (Type 1573), 100…240 V AC/24 V DC, 4 A
772363 
Buffer module (Type 1573) for safety position when power failure
773440 
Accessories cable
Description
Article no.
M12 circular socket with cable, 8-pin, cable length: 2 m, ready-made cable for input and output signals (for analogue
variant)
919061 
M12 circular female connector with cable, 8-pin, cable length: 2 m, ready-made shielded cable for input and output
signals (for analogue variant)
918991 
M12 cable shielded, 5-pin, cable length: 2 m, ready-made shielded cable for actual process value input signals (only for
variant with analogue/digital process controller)
559177 
Bürkert accessories
Note:
• For connection to a büS/CANopen network, see cabling guide . Detailed accessory tables can be found in the wiring guide
• Can only be used with positioner and process controller variant.
Description
Article no.
Software Bürkert Communicator
Type 8920 
büS adapter, M12 socket, 8-pin to M12 plug, 5-pin (for büS stick connection)
773286 
USB büS interface set 1 (Type 8923) for connection to the Bürkert Communicator software: including connection cable
(M12 and micro USB), stick with integrated terminating resistor, power supply and software
772426 
USB büS interface set 2 (Type 8923) for connection to the Bürkert Communicator software: including büS stick, connec-
tion cable to M12 plug, M12 connection cable on micro USB for the büS service interface and Y distributor, cable length:
0.7 m
772551 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com