Electronic Components Datasheet Search
  English  ▼

X  

3280 Datasheet(PDF) 4 Page - Christian Bürkert GmbH & Co. KG

Part # 3280
Description  Electromotive 2-way globe proportional valve
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3280 Datasheet(HTML) 4 Page - Christian Bürkert GmbH & Co. KG

  3280 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 3280 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 3280 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 3280 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 3280 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 3280 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 3280 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 3280 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 3280 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Type 3280
4 | 18
Visit product website 
Environment and installation
Installation position
As required, preferably with actuator upright
Ambient temperature4.)
- 10 °C…+ 60 °C
(Derating see chapter “6.1. Duty cycle derating diagram” on page 12)
1.) For seat sizes 1 and 1.5, PEEK seat seals are used. In this case the seat tightness of the valve is reduced.
2.) The characteristic values of the control behaviour depend on the operating conditions and refer to the final value.
3.) Others on request
4.) Maximum ambient temperature for high-pressure version and from seat size 8 and 10 mm 50 °C
1.2. Electrical control and interfaces
Technical data Device variant
Standard (G/H)
Positioner (C)
Process controller (D)
ON/OFF (G)
Control valve (H)1.) Analogue
Digital (fieldbus) Analogue
Digital (fieldbus)
Electrical
connection
M12 plug,
A-coded, 8-pin
M12 plug,
A-coded, 8-pin
M12 plug,
A-coded, 8-pin
M12 plug,
A-coded, 5-pin
M12 plug,
A-coded, 8-pin
and M12 socket,
A-coded, 5-pin
M12 plug,
A-coded, 5-pin
and M12 socket,
A-coded, 5-pin
Input signal
(setpoint)
Digital input: 0…5 V
(log. 0, valve
closed) or
10…30 V
(log. 1, valve open)
4…20 mA,
0…10 V or
PWM (800 Hz)
min: 10 V | type:
24 V | max: 30 V)
4…20 mA,
0…20 mA,
0…10 V or
0…5 V
–
4…20 mA,
0…20 mA,
0…10 V or
0…5 V
–
Input signal
(actual value
from ext.
Sensor)
–
–
–
–
4…20 mA,
0…20 mA,
0…10 V or
0…5 V
4…20 mA,
0…20 mA,
0…10 V,
0…5 V or
frequency
(5…2000 Hz)
Input
impedance for
analogue input
22 kΩ
60 Ω (current),
22 kΩ (voltage)
60 Ω (current),
22 kΩ (voltage)
–
60 Ω (current),
22 kΩ (voltage)
60 Ω (current),
22 kΩ (voltage)
Output signal
(actual value)
Digital output: PNP,
max. 100 mA
current limits,
feedback function
(output signal
active, when valve
closed)
Digital output: PNP,
max. 100 mA
current limits,
feedback function
(output signal
active, when valve
closed)
0/4…20 mA
(max. load: 560
Ω),
0…5/10 V
(max. current:
10 mA)
–
0/4…20 mA
(max. load: 560 Ω),
0…5/10 V
(max. current:
10 mA)
–
Fieldbus
interface
–
–
–
büS/CANopen
–
büS/CANopen
Parameterisa-
tion Tool
–
–
Bürkert
Communicator
(Connection via
büS stick)
Bürkert
Communicator
(Connection via
büS stick)
Bürkert
Communicator
(Connection via
büS stick)
Bürkert
Communicator
(Connection via
büS stick)
1.) The standard control valve variant is a proportional valve which, like the positioner variant, changes the valve stroke continuously depending on the input signal. This variant has no
büS interface and no analogue output signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com