Electronic Components Datasheet Search
  English  ▼

X  

3280 Datasheet(PDF) 14 Page - Christian Bürkert GmbH & Co. KG

Part # 3280
Description  Electromotive 2-way globe proportional valve
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3280 Datasheet(HTML) 14 Page - Christian Bürkert GmbH & Co. KG

Back Button 3280 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 3280 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 3280 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 3280 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 3280 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 3280 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 3280 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 3280 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 3280 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Type 3280
14 | 18
Visit product website 
6.3. Flow characteristic
Determination of the K
V value
Note:
Once the K
V-value required for the application has been calculated, it can be compared with the KVS-values from the ordering chart. The
K
VS-value must be higher than the KV-value of the application, but should be neither too high nor too close to it - as a recommendation:
10 % higher.
Pressure drop
K
V value for liquids
K
V value for gases
[m3/h]
[m3/h]
Sub-critical
p2 > 2
p1
= Q
ρ
Δp
1000
= Q
514
QN
ρN
T
1
Δp
p2
Supercritical
p2 < 2
p1
= Q
ρ
Δp
1000
= Q
QN
ρN
T
1
257 p1
K
V
Flow coefficient
[m3/h] 1.)
Q
N
Standard flow rate
[m
N
3
/h] 2.)
p
1
Inlet pressure
[bar] 3.)
p
2
Outlet pressure
[bar] 3.)
∆p Differential pressure p
1…p2
[bar]
ρ
Density
[kg/m3]
ρ
N
Standard density
[kg/m3]
T
1
Medium temperature
[(273+t)K]
1.) Measured for water, ∆p = 1 bar
2.) At reference conditions 1.013 bar and 0 °C (273 K)
3.) Absolute pressure
Exemplary characteristic curve of the motor valve
Note:
The design of the seat size is very important for the proper functioning of electromotive proportional valves within the application. The seat
size must be selected in such a way that, on the one hand, the desired flow range is achieved and, on the other hand, when the valve is
fully open, a sufficient part of the total pressure drop takes place via the valve.
Reference value: Δp valve > 25 % of the total pressure drop
Otherwise, an ideal, linear valve characteristic is deformed into a curved system characteristic.
100
90
80
70
60
50
40
30
20
10
0
0
10
20
30
40
50
60
70
80
90 100
Stroke [%]
Linear flow characteristic - the K
VS values of the respective seat sizes can be found in chapter “6.2. Pressure range” on page 13.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com