Electronic Components Datasheet Search
  English  ▼

X  

8802 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 8802
Description  Level measurement device with guided radar - sanitary version
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8802 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  8802 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Type 8189
3 | 12
Visit product website 
1.
General technical data
Product properties
Materials
Please make sure the device materials are compatible with the fluid you are using. Detailed information can be found in chapter
“3.1. Chemical Resistance Chart – Bürkert resistApp” on page 5.
Non wetted parts
Housing
Plastic PBT (Polyester) and stainless steel 316L (1.4404)
Cover
PC transparent
Seal between housing and cover EPDM
Cable gland
PA
Blind plug
PA
Ground terminal
Stainless steel 316L
Wetted parts
Process connection
Stainless steel 316L (1.4404 or 1.4435) and PEEK
Process seal
EPDM
Rod-Ø 8 mm
Stainless steel 316L (1.4435), polished
Dimensions
Detailed information can be found in chapter “4. Dimensions” on page 6.
Weights
• Housing: 890 g
• Rod-Ø 8 mm: approx. 400 g/m
Surface quality
Rod: Ra ≤ 0.76 µm (with low delta ferrite content)
Probe length
0.3…4 m (lateral load: 10 Nm)
Measured variable
Level of liquids
Measuring range
0.08…4 m
Detailed information can be found in chapter “5.1. Measuring range and blocking distance
diagram” on page 8.
Damping (63 % of the input
variable)
0…999 s, adjustable
Step response time1.)
≤ 3 s
Product accessories
Display
LCD in full dot matrix.
Detailed information can be found in chapter “7.4. Ordering chart accessories” on page 11.
Performance data
Blocking distance
• In water:
– from top of probe: 80 mm
– from bottom of probe: 0 mm
• In oil
– from top of probe: 150 mm
– from bottom of probe: 100 mm
Measurement deviation2.)3.)
According to DIN EN 60770-1: ± 2 mm
Detailed information can be found in chapter “5.2. Measurement deviation diagram” on page
8.
Measuring range resolution
< 1 mm
Measuring cycle time
< 500 ms
Temperature drift
• Digital output: ± 3 mm/10 K, max. 10 mm
• Current output: < 0.03 %/10K relating to the 16 mA span or ≤ 0.3 %
Max. filling/emptying speed
1 m/min (products with high dielectric constant (> 10) up to 5 m/min.)
Non-repeatability
≤ ± 1 mm
Vibration resistance
1 g with 5…200 Hz according to EN 60068-2-6 (vibration at resonance) with rod length 50 cm
Shock resistance
25 g, 6 ms according to EN 60068-2-27 (mechanical shock) with rod length 50 cm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com