Electronic Components Datasheet Search
  English  ▼

X  

8802 Datasheet(PDF) 5 Page - Christian Bürkert GmbH & Co. KG

Part # 8802
Description  Level measurement device with guided radar - sanitary version
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8802 Datasheet(HTML) 5 Page - Christian Bürkert GmbH & Co. KG

  8802 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Type 8189
5 | 12
Visit product website 
Relative air humidity
• Operation: max. 75 %, without condensation
• Storage: 20…85 %, without condensation
Height above sea level
Max. 2000 m (by default; max. 5000 m with connected overvoltage protection)
Pollution degree
Degree 4 (when used with fulfilled housing protection)
1.) Time span, after a sudden change in the measuring distance of max. 0.5 m in liquid applications, until the output signal has assumed for the first time 90 % of the final value
(IEC 61298-2).
2.) Depending on the mounting conditions, deviations can occur which can be rectified by adapting the adjustment or changing the measured value offset in the DTM service
mode.
3.) The blocking distances can be optimized by a false signal suppression.
2.
Approvals
2.1. Certifications
Note:
Devices with Ex certification have different technical data, see Supplement ATEX/IECEx Type 8189  under user manual.
Certificate
Description
EU-Type Examination Certificate Number:
TÜV 19 ATEX 260229X / IECEx TUN 19.0021X
ATEX
• II 1G Ex ia IIC T6…T1 Ga resp.
• II 1/2G Ex ia IIC T6…T1 Ga/Gb resp.
• II 2G Ex ia IIC T6…T1 Gb
IECEx
• Ex ia IIC T6…T1 Ga resp.
• Ex ia IIC T6…T1 Ga/Gb resp.
• Ex ia IIC T6…T1 Gb
Measures to comply with ATEX/IECEx requirements: refer to the Supplement ATEX/IECEx Type
8189  under user manual.
The Ex. certification is only valid if the Bürkert device is used as described in the supplement
ATEX/IECEx. If unauthorized changes are made to the device, the Ex. certification becomes
invalid.
2.2. Certificates
Certificate
Description
FDA
FDA
The devices comply in their composition with the Code of Federal Regulations published by the FDA (Food
and Drug Administration, USA).
3.
Materials
3.1. Chemical Resistance Chart – Bürkert resistApp
Bürkert resistApp – Chemical Resistance Chart
You want to ensure the reliability and durability of the materials in your individual
application case? Verify your combination of media and materials on our website or in
our resistApp.
Start Chemical Resistance Check



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com