Electronic Components Datasheet Search
  English  ▼

X  

8802 Datasheet(PDF) 9 Page - Christian Bürkert GmbH & Co. KG

Part # 8802
Description  Level measurement device with guided radar - sanitary version
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8802 Datasheet(HTML) 9 Page - Christian Bürkert GmbH & Co. KG

Back Button 8802 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Type 8189
9 | 12
Visit product website 
Rod probe version in oil
Note:
The blocking distance is indicated by the grey area in the diagram. No measurement is possible in this area.
Probe length
0
0.35
0.15
0.05
15 mm
2 mm
-2 mm
-15 mm
-10 mm
0.1
[mm]
Blocking distance
[m]
Measuring range
Blocking distance
5.3. Temperature derating diagram
Process temperature [°C]
10
20
20
30
50
60
70
90
30
40
50
60
70
80
90
100
110
120
10
-30
-20
-10
0
40
0
-30
-20
-10
80
-40
-40
130
150
140
6.
Product operation
6.1. Measuring principle
High frequency microwave pulses are guided along a rod. When they reach the product surface, the microwave pulses are reflected
and received by the processing electronics. The running time is evaluated by the instrument and outputted as distance. Time con-
suming adjustment with medium is not necessary. The instruments are pre-set to the ordered probe length.
The shortenable rod version can be adapted individually to the local requirements.
6.2. Product operation notes
Note:
The measuring device can be adjusted with:
• The display/configuration module
• The suitable Bürkert DTM in conjunction with a software according to the FDT/DTM standard, e.g. PACTware™ and PC
• With a HART handheld
The entered parameters are generally saved in the measuring device Type 8189. Optionally, parameters may also be uploaded and
downloaded with the display/configuration module or saved in a file by using PACTware™/8189-DTM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com