Electronic Components Datasheet Search
  English  ▼

X  

8802 Datasheet(PDF) 4 Page - Christian Bürkert GmbH & Co. KG

Part # 8802
Description  Level measurement device with guided radar - sanitary version
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8802 Datasheet(HTML) 4 Page - Christian Bürkert GmbH & Co. KG

  8802 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Type 8189
4 | 12
Visit product website 
Electrical data
Operating voltage (U
n)
• Without display/configuration module:
– 9.6…35 V DC
– 9.6…30 V DC (Ex ia instrument)
• With display/configuration module:
– 16…35 V DC
– 16…30 V DC (Ex ia instrument)
Power source (not supplied)
Limited power source according to UL/EN 60950-1 standards or limited energy circuit according
to UL/EN 61010-1 §9.4
Starting current
≤ 3.6 mA, ≤ 10 mA for 5 ms after the switching on
DC reverse polarity protection
Yes
Output signal
4…20 mA/HART
Signal resolution
0.3 µA
Range of the output signal
3.8…20.5 mA/HART (default setting)
Load resistor
(U
n - Umin.)/0.022 A
Fault signal
Current output: last valid measured value, ≥ 21 mA or < 3.6 mA (adjustable)
Max. output current
21.5 mA
Residual ripple (for DC)
• For 9.6 V < U
n < 18 V: ≤ 0.7 Veff (16…400 Hz)
• For 18 V < U
n < 35 V: ≤ 1.0 Veff (16…400 Hz)
Voltage supply cable
• Cable diameter: 5…9 mm
• Wire cross-section (spring-loaded terminals):
– Massive wire, stranded wire: 0.2…2.5 mm2 (AWG 24…14)
– Stranded wire with end sleeve: 0.2…1.5 mm2 (AWG 24…16)
Medium data
Process temperature
- 20…+ 130 °C (- 4…+ 266 °F) (for sterilisation process: up to + 150 °C (+ 302 °F) for max. 120 min)
Process pressure
Vessel pressure: - 1…16 bar (- 14.51…232.16 PSI/- 100…1600 kPa)
Dielectric constant (min.)
εr > 1.6
Product connections
Process connection
• Clamp 2"
• DIN 11851 DN 50
Electrical connections
Cable gland M20 x 1.5
Approvals and Certificates
Standards
Degree of protection according
to IEC/EN 60529
IP66/IP67 with cable plug mounted and tightened M20 x 1.5
Overvoltage category according
to IEC 61010-1
Category III
Protection class according to
IEC 61010-1
Class III
Directives
CE directives
The applied standards, which verify conformity with the EU Directives, can be found on the EU
Type Examination Certificate and/or the EU Declaration of conformity (if applicable)
NAMUR recommendations
• NE21 – Electromagnetic compatibility of equipment
• NE43 – Signal level for fault information from measuring transducers
• NE53 - Compatibility of field devices and display/adjustment components
• NE107 - Self-monitoring and diagnosis of field devices
Certificate
FDA declaration of conformity.
Detailed information can be found in chapter “2.2. Certificates” on page 5.
Certifications
ATEX/IECEx
EN IEC 60079-0, EN 60079-11, EN 60079-26
Detailed information can be found in chapter “2.1. Certifications” on page 5.
Environment and installation
Ambient temperature
Operation and storage: - 40…+ 80 °C (- 40…+ 176 °F) (with display/configuration module)
Temperature derating
Detailed information can be found in chapter “5.3. Temperature derating diagram” on page
9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com