Electronic Components Datasheet Search
  English  ▼

X  

8802 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 8802
Description  Level measurement device with guided radar - sanitary version
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8802 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  8802 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Visit product website 
DATA SHEET
Type 8619
multiCELL - Multi-chan-
nel and multi-function
transmitter/controller
Type 8611
eCONTROL - Universal
controller
Type 8802
ELEMENT continuous
control valve systems -
overview
Type 8644
Remote Process Actu-
ation Control System
AirLINE
Type 8793
Digital electropneumat-
ic Process Controller
SideControl
1000244852 | Standard | EU | en | 202109 | 04
Level measurement device with guided radar
- sanitary version
• Universal level measurement device for liquids
• Liquid interface measurement
• Insensitive to dust and steam
• 4... 20 mA/Hart, 2 wires
• ATEX/IECEx certifications
The Type 8189 is a level measurement device with interchangeable rod probe,
designed for continuous level measurement.
The unit is suitable for liquids, for industrial use in all areas of process tech-
nology. But the main application targets are in Food and Beverage (F&B) and
pharmaceutical tanks to the new rod in stainless steel 1.4435 with Ra < 0.76
µm. For applications with corrosive liquids a PFA coated version is available.
Even process conditions such as strong steam generation, density fluctua-
tions or changes of the dielectric constant do not influence the accuracy of
the measurement. Build-up or condensation on the probe or vessel wall does
not influence the measurement result.
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
Type 8189
© Christian Bürkert GmbH & Co. KG, Subject to alteration


Similar Part No. - 8802

ManufacturerPart #DatasheetDescription
logo
Christian Bürkert GmbH ...
8802 BURKERT-8802 Datasheet
1Mb / 20P
Inline positive displacement (PD) flowmeter or Inline batch controller
18.12.2023
8802 BURKERT-8802 Datasheet
1Mb / 39P
Insertion flowmeter/batch controller with paddle wheel and flow transmitter/remote batch controller
12.01.2024
8802 BURKERT-8802 Datasheet
825Kb / 14P
Inline flowmeter for continuous measurements
15.12.2023
8802 BURKERT-8802 Datasheet
444Kb / 8P
Paddle-wheel sensor for low-flow rates
15.12.2023
8802 BURKERT-8802 Datasheet
1Mb / 23P
Inline flowmeter or Inline batch controller, with paddle wheel
18.12.2023
More results

Similar Description - 8802

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
704-5010-130 MAGNETROL-704-5010-130 Datasheet
1Mb / 36P
GuidedWave Radar Level Transmitter
704-5010-131 MAGNETROL-704-5010-131 Datasheet
484Kb / 12P
Horizon??Model 704 Guided Wave Radar Level Transmitter
705-5100-111 MAGNETROL-705-5100-111 Datasheet
1Mb / 28P
Eclipse짰 Enhanced Model 705 Guided Wave Radar Level Transmitter
705-5100-121 MAGNETROL-705-5100-121 Datasheet
1Mb / 56P
GuidedWave Radar Level Transmitter
R82-510A-012 MAGNETROL-R82-510A-012 Datasheet
1Mb / 48P
Pulse Burst Radar Level Transmitter
R95-510A-110 MAGNETROL-R95-510A-110 Datasheet
1Mb / 16P
Pulse Burst Radar Level Transmitter
R95-510A-130 MAGNETROL-R95-510A-130 Datasheet
1Mb / 48P
Pulse Burst Radar Level Transmitter
logo
Schneider Electric
LG01 SCHNEIDER-LG01 Datasheet
89Kb / 2P
Guided wave radar (TDR) for measuring distance, level, volume and mass
Apr 26, 2022
logo
List of Unclassifed Man...
USB-2001-TC ETC-USB-2001-TC Datasheet
762Kb / 4P
Single-Channel Thermocouple Measurement Device
September 2019. Rev 3
logo
Endress+Hauser Group Se...
TI01266F EH-TI01266F Datasheet
1Mb / 44P
Level measurement for liquids
2020-08-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com