Electronic Components Datasheet Search
  English  ▼

X  

8802 Datasheet(PDF) 11 Page - Christian Bürkert GmbH & Co. KG

Part # 8802
Description  Level measurement device with guided radar - sanitary version
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8802 Datasheet(HTML) 11 Page - Christian Bürkert GmbH & Co. KG

Back Button 8802 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Type 8189
11 | 12
Visit product website 
7.2. Bürkert product filter
Bürkert product filter – Get quickly to the right product
You want to select products comfortably based on your technical requirements?
Use the Bürkert product filter and find suitable articles for your application quickly and
easily.
Try out our product filter
7.3. Ordering chart
Note:
All following versions are supplied with display/configuration module.
Description
Operating
voltage
Output
Probe Length Electrical connection
Article no.
Standard version
Clamp 2"
9.6…35 V DC 4…20 mA/HART
(2 wires)
Rod
1 m
Cable gland M20 × 1.5
565850 
2 m
565852 
DIN 11851, DN 50
1 m
565851 
2 m
565853 
Ex version - ATEX certification
Clamp 2"
9.6…30 V DC 4…20 mA/HART
(2 wires)
Rod
1 m
Cable gland M20 × 1.5
565854 
2 m
565856 
DIN 11851, DN 50
1 m
565855 
2 m
565857 
Ex version - IECex certification
Clamp 2"
9.6…30 V DC 4…20 mA/HART
(2 wires)
Rod
1 m
Cable gland M20 × 1.5
565858 
2 m
565860 
DIN 11851, DN 50
1 m
565859 
2 m
565861 
Further versions on request
Material
FFKM
Temperature
- 20…+ 150 °C
Process connection
• Clamp 1½", 2½", 3"
• DIN 11851 DN 32, DN 40, DN 65
Additional
Without display/configuration module
7.4. Ordering chart accessories
Description
Article no.
Set with 2 reductions M20 × 1.5/NPT ½" + 2 neoprene flat seals for cable gland + 2 screw-plugs M20 × 1.5
551782 
Hart-USB Modem
560177 
Set with a display/configuration module, a transparent cover and a seal ring
559279 
Set with a transparent cover and a seal ring
561006 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com