Electronic Components Datasheet Search
  English  ▼

X  

TCS3720 Datasheet(PDF) 65 Page - OSRAM GmbH

Part # TCS3720
Description  ALS/Color and Proximity Sensor for Behind OLED Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3720 Datasheet(HTML) 65 Page - OSRAM GmbH

Back Button TCS3720 Datasheet HTML 61Page - OSRAM GmbH TCS3720 Datasheet HTML 62Page - OSRAM GmbH TCS3720 Datasheet HTML 63Page - OSRAM GmbH TCS3720 Datasheet HTML 64Page - OSRAM GmbH TCS3720 Datasheet HTML 65Page - OSRAM GmbH TCS3720 Datasheet HTML 66Page - OSRAM GmbH TCS3720 Datasheet HTML 67Page - OSRAM GmbH TCS3720 Datasheet HTML 68Page - OSRAM GmbH TCS3720 Datasheet HTML 69Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 88 page
background image
Page 64
Datasheet, Public
Document Feedback
[v5-00] 2023-Nov-27
TCS3720 − Register O ver view
PWTIME Register (Address 0xEC)
Figure 92:
PWTIME Register
The PWTIME is implemented using a down counter and starts
counting from very beginning of every proximity measurement
cycle including the initialization time. If enabled, PWTIME needs
to be programmed greater than proximity measurement time,
otherwise it's ignored.
PWTIME =Wait Cycles x 2.779ms.
If PWLONG is enabled, then
PWTIME = Wait Cycles x 2.779ms x 12.
Note that PWTIME is available in Full Parallel Mode and
Concurrent Mode, but ignored in Sequential Mode.
Addr: 0xEC
PWTIME
Bit
Bit Name
Default
Access
Bit Description
7:0
PWTIME
0x00
RW
Value that specifies the proximity wait time in 2.779ms
increments.
Value
Wait Cycles
Wait Time
0x00
1
2.779ms (33.346ms)
0x01
2
5.558ms (66.692ms)
0x02
3
8.336ms (100.038ms)
……
…
0x1F
32
88.923ms (1.067s)
……
…
0xFF
256
711.381ms (8.537s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com