Electronic Components Datasheet Search
  English  ▼

X  

TCS3720 Datasheet(PDF) 51 Page - OSRAM GmbH

Part # TCS3720
Description  ALS/Color and Proximity Sensor for Behind OLED Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3720 Datasheet(HTML) 51 Page - OSRAM GmbH

Back Button TCS3720 Datasheet HTML 47Page - OSRAM GmbH TCS3720 Datasheet HTML 48Page - OSRAM GmbH TCS3720 Datasheet HTML 49Page - OSRAM GmbH TCS3720 Datasheet HTML 50Page - OSRAM GmbH TCS3720 Datasheet HTML 51Page - OSRAM GmbH TCS3720 Datasheet HTML 52Page - OSRAM GmbH TCS3720 Datasheet HTML 53Page - OSRAM GmbH TCS3720 Datasheet HTML 54Page - OSRAM GmbH TCS3720 Datasheet HTML 55Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 88 page
background image
Page 50
Datasheet, Public
Document Feedback
[v5-00] 2023-Nov-27
TCS3720 − Register O ver view
POFFSET Register (Address 0xC0)
Figure 71:
POFFSET Register
POFFSET_SIGN Register (Address 0xC1)
Figure 72:
POFFSET_SIGN Register
Typically, optical and/or electrical crosstalk negatively
influence proximity operation and results. The POFFSET
/POFFSET_SIGN registers provide a mechanism to remove
system crosstalk from the proximity data. POFFSET /POFFSET_
SIGN contains the magnitude and sign of a value that adjusts
PDATA in the AFE. An offset value in the range of ± 255 is
possible.
AZ_CONFIG Register (Address 0xD6)
Figure 73:
AZ_CONFIG Register
Addr: 0xC0
POFFSET
Bit
Bit Name
Default
Access
Bit Description
7:0
POFFSET
0x00
RW
This register contains the magnitude portion of
proximity offset adjust value.
Addr: 0xC1
POFFSET_SIGN
Bit
Bit Name
Default
Access
Bit Description
7:1
Reserved
0000000
RW
Reserved. Must be set to default value.
0
POFFSET_
SIGN
0RW
This register contains the sign portion of
proximity offset adjust value.
Addr: 0xD6
AZ_CONFIG
Bit
Bit Name
Default
Access
Bit Description
7
START_MAN_
AZ
0RW, SC
Starts ALS manual auto zero once the bit is set.
Once auto zero is completed, it's self cleared.
This manual trigger needs to be enabled only
when PON=1 and AEN=0. The user first needs to
set PON=1 and then set this bit.
6:0
AZ_NTH_
ITERATION
1111111
RW
Run autozero automatically every nth ALS
iteration (0=never, 7Fh=only at first ALS cycle,
n=every nth time).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com