Electronic Components Datasheet Search
  English  ▼

X  

TCS3720 Datasheet(PDF) 73 Page - OSRAM GmbH

Part # TCS3720
Description  ALS/Color and Proximity Sensor for Behind OLED Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3720 Datasheet(HTML) 73 Page - OSRAM GmbH

Back Button TCS3720 Datasheet HTML 69Page - OSRAM GmbH TCS3720 Datasheet HTML 70Page - OSRAM GmbH TCS3720 Datasheet HTML 71Page - OSRAM GmbH TCS3720 Datasheet HTML 72Page - OSRAM GmbH TCS3720 Datasheet HTML 73Page - OSRAM GmbH TCS3720 Datasheet HTML 74Page - OSRAM GmbH TCS3720 Datasheet HTML 75Page - OSRAM GmbH TCS3720 Datasheet HTML 76Page - OSRAM GmbH TCS3720 Datasheet HTML 77Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 88 page
background image
Page 72
Datasheet, Public
Document Feedback
[v5-00] 2023-Nov-27
TCS3720 − Application Information
Schematic
Figure 108:
TCS3720 Typical Application Circuit
Note(s):
1. Place VDD18 filter (R1, C1, C2) and VDD3 filter (C5) as close as possible to the module.
2. The value of the I²C pull up resistors (R7, R8) should be based on the bus voltage, system bus speed and trace capacitance.
3. R1, C1, C2, C5 are critical components to protect the device during high voltage ESD strikes.
4. In systems subjected to high voltage ESD strikes, it is recommended to connect XRES to a host GPIO pin to allow the device reset.
Application Information
GND
GND
±1%
22
R1
4.7 uF
10 %
6.3 V
C2
±20%
6.3V
10μF
C1
1V8
VDD1V8
5 %
10K
R9
VIO
1%
2.2kR
R8
1%
2.2kR
R7
VIO
GND
3V3
VDD3V3
±20%
6.3V
10μF
C5
VDD3V3
VDD1V8
SCL
SDA
INT
GND
INT
10
SCL
2
SDA
1
XRES
11
NC
8
VSS
3
VDD3
9
VDD18
4
LEDA
7
VSYNC
12
LEDK1
6
LEDK0
5
TCS3720
U1
ams AG
GND
5 %
10K
R4
5 %
10K
R3
GND
GND
LEDK0
LEDK1
LEDA
LEDA
XRES
VSYNC
LEDK0
LEDK1
D1
PLPVYL1940A_E
D2
PLPVYL1940A_E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com