Electronic Components Datasheet Search
  English  ▼

X  

TCS3720 Datasheet(PDF) 29 Page - OSRAM GmbH

Part # TCS3720
Description  ALS/Color and Proximity Sensor for Behind OLED Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3720 Datasheet(HTML) 29 Page - OSRAM GmbH

Back Button TCS3720 Datasheet HTML 25Page - OSRAM GmbH TCS3720 Datasheet HTML 26Page - OSRAM GmbH TCS3720 Datasheet HTML 27Page - OSRAM GmbH TCS3720 Datasheet HTML 28Page - OSRAM GmbH TCS3720 Datasheet HTML 29Page - OSRAM GmbH TCS3720 Datasheet HTML 30Page - OSRAM GmbH TCS3720 Datasheet HTML 31Page - OSRAM GmbH TCS3720 Datasheet HTML 32Page - OSRAM GmbH TCS3720 Datasheet HTML 33Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 88 page
background image
Page 28
Datasheet, Public
Document Feedback
[v5-00] 2023-Nov-27
TCS3720 − Register O ver view
PTIME Register (Address 0x82)
Figure 29:
PTIME Register
AILTL Register (Address 0x84)
Figure 30:
AILTL Register
AILTH Register (Address 0x85)
Figure 31:
AILTH Register
The ALS clear channel is compared against low-going 16-bit
threshold value set by AILTL and AILTH. The contents of the
AILTH and AILTL registers are combined and treated as a
sixteen-bit threshold value. If the value generated by the ALS
clear channel is below the AILTL/H threshold and the APERS
value is reached, the AINT bit is asserted. If AIEN is set, then the
INT pin will also assert.
When setting the 16-bit ALS threshold AILTL must be written
first, immediately followed by AILTH. Internally, the lower 8 bits
are buffered until the upper 8 bits are written. As the upper
8 bits are written both the high and low bytes are
simultaneously latched as a 16-bit value.
When residue bits are enabled by ENAB_RES_BITS, the data
format for AILT should be U13.3 and when residue bits are not
required, it should be U16.0.
Addr: 0x82
PTIME
Bit
Bit Name
Default
Access
Bit Description
7:0
PTIME
0x1F
RW
This register defines the duration of 1 Prox Sample,
which is (PTIME + 1)*88μs. PTIME needs to be
programmed greater than proximity integration time,
otherwise it is ignored.
Addr: 0x84
AILTL
Bit
Bit Name
Default
Access
Bit Description
7:0
AILTL
0x00
RW
This register sets the low byte of the LOW ALS threshold.
Addr: 0x85
AILTH
Bit
Bit Name
Default
Access
Bit Description
7:0
AILTH
0x00
RW
This register sets the high byte of the LOW ALS threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com