Electronic Components Datasheet Search
  English  ▼

X  

TCS3720 Datasheet(PDF) 37 Page - OSRAM GmbH

Part # TCS3720
Description  ALS/Color and Proximity Sensor for Behind OLED Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3720 Datasheet(HTML) 37 Page - OSRAM GmbH

Back Button TCS3720 Datasheet HTML 33Page - OSRAM GmbH TCS3720 Datasheet HTML 34Page - OSRAM GmbH TCS3720 Datasheet HTML 35Page - OSRAM GmbH TCS3720 Datasheet HTML 36Page - OSRAM GmbH TCS3720 Datasheet HTML 37Page - OSRAM GmbH TCS3720 Datasheet HTML 38Page - OSRAM GmbH TCS3720 Datasheet HTML 39Page - OSRAM GmbH TCS3720 Datasheet HTML 40Page - OSRAM GmbH TCS3720 Datasheet HTML 41Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 88 page
background image
Page 36
Datasheet, Public
Document Feedback
[v5-00] 2023-Nov-27
TCS3720 − Register O ver view
REVID2 Register (Address 0x93)
Figure 45:
REVID2 Register
CFG1 Register (Address 0x94)
Figure 46:
CFG1 Register
Figure 47:
PD_MUX_SEL
Note(s):
1. All other values are reserved and should not be used.
Addr: 0x93
REVID2
Bit
Bit Name
Default
Access
Bit Description
7:4
Reserved
0000
R
Reserved. Must be set to default value.
3:0
AUX_ID
1011
R
Auxiliary ID.
0011b: Initial prox. filter
1011b: Rev.2 prox. filter with the stop-band performance
improved.
Addr: 0x94
CFG1
Bit
Bit Name
Default
Access
Bit Description
7:4
Reserved
0000
RW
Reserved. Must be set to default value.
3:1
PD_MUX_SEL
000
RW
This field sets photodiode connection to ALS
channels. See PD_MUX_SEL for the details.
0
ENAB_TEMP_
SENSOR
0RW
This field activates temperature sensor.
Set PEN =TEN =ENAB_TEMP_SENSOR =1 to enable
temperature measurement.
Value (1)
Mode
Channel 0
Channel 1
Channel 2
Channel 3
PD_MUX_SEL = 000b
TWO_CHANN_MODE
Clear + Green
Red + Blue
N.C.
N.C.
PD_MUX_SEL = 011b
COLOR_MODE
Clear
Red
Green
Blue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com