Electronic Components Datasheet Search
  English  ▼

X  

TCS3720 Datasheet(PDF) 47 Page - OSRAM GmbH

Part # TCS3720
Description  ALS/Color and Proximity Sensor for Behind OLED Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3720 Datasheet(HTML) 47 Page - OSRAM GmbH

Back Button TCS3720 Datasheet HTML 43Page - OSRAM GmbH TCS3720 Datasheet HTML 44Page - OSRAM GmbH TCS3720 Datasheet HTML 45Page - OSRAM GmbH TCS3720 Datasheet HTML 46Page - OSRAM GmbH TCS3720 Datasheet HTML 47Page - OSRAM GmbH TCS3720 Datasheet HTML 48Page - OSRAM GmbH TCS3720 Datasheet HTML 49Page - OSRAM GmbH TCS3720 Datasheet HTML 50Page - OSRAM GmbH TCS3720 Datasheet HTML 51Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 88 page
background image
Page 46
Datasheet, Public
Document Feedback
[v5-00] 2023-Nov-27
TCS3720 − Register O ver view
CFG6 Register (Address 0xAE)
Figure 62:
CFG6 Register
PWM_CFG Register (Address 0xB0)
Figure 63:
PWM_CFG Register
Addr: 0xAE
CFG6
Bit
Bit Name
Default
Access
Bit Description
7
Reserved
0
RW
Reserved. Must be set to default value.
6
DISABLE_APC
1
RW
Proximity automatic pulse control (APC) disable.
0 = APC enable
1 = APC disable
This bit should be set to 1 when calibration
needs to be performed
5:0
Reserved
111111
RW
Reserved. Must be set to default value.
Addr: 0xB0
PWM_CFG
Bit
Bit Name
Default
Access
Bit Description
7:3
Reserved
00000
RW
Reserved. Must be set to default value.
2:1
PWM_CHG_
DET_STP
00
RW
PWM period change detection step.
Once PWM period changes from previous cycle by step
of period mentioned in the following table, PWM_CHG_
INT interrupt is generated if PWMIEN=1.
PWM_PRD={PWM_PRD_H, PWM_PRD_L}
Value
Timing
0Compare with PWM_PRD[13:9]
1Compare with PWM_PRD[13:8]
2Compare with PWM_PRD[13:10]
3Compare with PWM_PRD[13:11]
0
PWM_IN_EN
0
Enable XRES as a PWM input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com