Electronic Components Datasheet Search
  English  ▼

X  

TMD2620 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # TMD2620
Description  Proximity Sensor Module
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2620 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button TMD2620 Datasheet HTML 4Page - OSRAM GmbH TMD2620 Datasheet HTML 5Page - OSRAM GmbH TMD2620 Datasheet HTML 6Page - OSRAM GmbH TMD2620 Datasheet HTML 7Page - OSRAM GmbH TMD2620 Datasheet HTML 8Page - OSRAM GmbH TMD2620 Datasheet HTML 9Page - OSRAM GmbH TMD2620 Datasheet HTML 10Page - OSRAM GmbH TMD2620 Datasheet HTML 11Page - OSRAM GmbH TMD2620 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
Datasheet, Public
Page 7
[v2-00] 2023-Feb-23
Document Feedback
TMD2620 − Electrical Characteristics
Figure 9:
Proximity Operation
Figure 10:
Proximity Angular Spectral Response

d
W
K
Z
W
'
W
>
^
y'
^
y'
^
y '
^
y '
0
50
100
150
200
250
300
350
400
450
500
300
350
400
450
500
550
600
650
700
750
800
850
900
950
1000
1050
1100
λ Wavelength - nm
Proximity Angular Spectral Responsivity
IR - 0°
IR - 5°
IR - 10°
IR - 20°
IR - 30°
The response at 0° and 5°
is nearly identical.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com