Electronic Components Datasheet Search
  English  ▼

X  

TMD2620 Datasheet(PDF) 26 Page - OSRAM GmbH

Part # TMD2620
Description  Proximity Sensor Module
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2620 Datasheet(HTML) 26 Page - OSRAM GmbH

Back Button TMD2620 Datasheet HTML 22Page - OSRAM GmbH TMD2620 Datasheet HTML 23Page - OSRAM GmbH TMD2620 Datasheet HTML 24Page - OSRAM GmbH TMD2620 Datasheet HTML 25Page - OSRAM GmbH TMD2620 Datasheet HTML 26Page - OSRAM GmbH TMD2620 Datasheet HTML 27Page - OSRAM GmbH TMD2620 Datasheet HTML 28Page - OSRAM GmbH TMD2620 Datasheet HTML 29Page - OSRAM GmbH TMD2620 Datasheet HTML 30Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
Datasheet, Public
Page 25
[v2-00] 2023-Feb-23
Document Feedback
TMD2620 − Tape & Reel Information
Figure 36:
Tape & Reel Information
Note(s):
1. Measured from centreline of sprocket hole to centreline of pocket.
2. Cumulative tolerance of 10 sprocket holes is ± 0.20.
3. Measured from centreline of sprocket hole to centreline of pocket.
4. Other material available.
Tape & Reel Information
0,1
5
7<3,&$/
3

“ ,
3
  ,,
3R
:




'
(

'R
$R
<
<
6(&7,21 <<
7
“
.R
W
F
P1
+/- 0.05
+/- 0.10
+0.3/-0.1
3.50
4.00
8.00
+/- 0.05
1.25
Ao
2.25
+/- 0.05
Ko
Bo
3.35
+/- 0.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com