Electronic Components Datasheet Search
  English  ▼

X  

TMD2620 Datasheet(PDF) 23 Page - OSRAM GmbH

Part # TMD2620
Description  Proximity Sensor Module
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2620 Datasheet(HTML) 23 Page - OSRAM GmbH

Back Button TMD2620 Datasheet HTML 19Page - OSRAM GmbH TMD2620 Datasheet HTML 20Page - OSRAM GmbH TMD2620 Datasheet HTML 21Page - OSRAM GmbH TMD2620 Datasheet HTML 22Page - OSRAM GmbH TMD2620 Datasheet HTML 23Page - OSRAM GmbH TMD2620 Datasheet HTML 24Page - OSRAM GmbH TMD2620 Datasheet HTML 25Page - OSRAM GmbH TMD2620 Datasheet HTML 26Page - OSRAM GmbH TMD2620 Datasheet HTML 27Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
Page 22
Datasheet, Public
Document Feedback
[v2-00] 2023-Feb-23
TMD2620 − Application Information
Figure 33:
Typical Application Hardware Circuit
Note(s):
1. Place the 4.7μF and 10μF capacitors within 5mm of the module.
2. The value of the I²C pull up resistors RPU should be based on the 1.8V bus voltage, system bus speed and trace capacitance.
3. The bulk capacitor can affect the stability of a regulated supply output and should be chosen with the regulator characteristics in
mind.
4. GND and PGND should be connected to the same solid ground plane as close to the device as possible.
Application Information
1.8V
3.0V
RPU
10μF
Bulk System
Capacitance
VBUS
INT
SCL
SDA
4.7μF
R = 22Ω
TMD2620
LEDA
GND
VDD
PGND
INT
SCL
SDA
I/C
RINT = 10KΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com