Electronic Components Datasheet Search
  English  ▼

X  

TMD2620 Datasheet(PDF) 19 Page - OSRAM GmbH

Part # TMD2620
Description  Proximity Sensor Module
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2620 Datasheet(HTML) 19 Page - OSRAM GmbH

Back Button TMD2620 Datasheet HTML 15Page - OSRAM GmbH TMD2620 Datasheet HTML 16Page - OSRAM GmbH TMD2620 Datasheet HTML 17Page - OSRAM GmbH TMD2620 Datasheet HTML 18Page - OSRAM GmbH TMD2620 Datasheet HTML 19Page - OSRAM GmbH TMD2620 Datasheet HTML 20Page - OSRAM GmbH TMD2620 Datasheet HTML 21Page - OSRAM GmbH TMD2620 Datasheet HTML 22Page - OSRAM GmbH TMD2620 Datasheet HTML 23Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
Page 18
Datasheet, Public
Document Feedback
[v2-00] 2023-Feb-23
TMD2620 − Register Description
POFFSET_L Register (0xC0)
Figure 27:
POFFSET_L Register
POFFSET_H Register (0xC1)
Figure 28:
POFFSET_H Register
CALIB Register (0xD7)
Figure 29:
CALIB Register
Addr: 0xC0
POFFSET_L
Field
Name
Reset
Type
Description
7:0
poffset_l
0x00-0xFF
R, SC
Offset compensation for proximity channel (magnitude)
Addr: 0xC1
POFFSET_H
Field
Name
Reset
Type
Description
0
poffset_h
0x00-0xFF
R, SC
Offset compensation for proximity channel (sign)
Addr: 0xD7
CALIB
Field
Name
Reset
Type
Description
7:6
Reserved
0
RO
Reserved. Set to 0.
5
electrical_calibration
0
RW_SM
If set, do electrical offset calibration (diodes
disabled) instead of optical. Otherwise, do
optical calibration. In either case, the result is
stored in the POFFSET_L/H registers. This flag is
cleared after calibration is completed.
This flag is redundant, software could just:
set gdiode_disab=0xf set concap_intinn=1 start
calibration. However, since electrical calibration
is done automatically at the first time PON gets
asserted, the function is there anyway, so it's
made available to the user here.
4:1
Reserved
0
WS_SC
Reserved. Set to 0.
0
start_offset_calib
0
RW_SM
Start Offset Calibration. The result is stored in the
POFFSET registers. The calib_finished flag is
asserted afterwards. Calibration can be stopped
by writing a 0 to this bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com