Electronic Components Datasheet Search
  English  ▼

X  

TMD2620 Datasheet(PDF) 17 Page - OSRAM GmbH

Part # TMD2620
Description  Proximity Sensor Module
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2620 Datasheet(HTML) 17 Page - OSRAM GmbH

Back Button TMD2620 Datasheet HTML 13Page - OSRAM GmbH TMD2620 Datasheet HTML 14Page - OSRAM GmbH TMD2620 Datasheet HTML 15Page - OSRAM GmbH TMD2620 Datasheet HTML 16Page - OSRAM GmbH TMD2620 Datasheet HTML 17Page - OSRAM GmbH TMD2620 Datasheet HTML 18Page - OSRAM GmbH TMD2620 Datasheet HTML 19Page - OSRAM GmbH TMD2620 Datasheet HTML 20Page - OSRAM GmbH TMD2620 Datasheet HTML 21Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
Page 16
Datasheet, Public
Document Feedback
[v2-00] 2023-Feb-23
TMD2620 − Register Description
STATUS Register (0x93)
Figure 23:
STATUS Register
STATUS flags are reset with reading from STATUS address, or
with writing 1 to dedicated bits of STATUS address. 
PDATA Register (0x9C)
Figure 24:
PDATA Register
Addr: 0x93
STATUS
Field
Name
Reset
Type
Description
7
Reserved
0
R, SC
Reserved
6psat
0
R, SC
Proximity Saturation. Indicates that an ambient- or
reflective-saturation event occurred during a previous
proximity cycle.
Writing a 1 will clear this status flag; to enable clear-by-read
function, the register CFG3.int_read_clear must be set 1
5pint
0
R, SC
Proximity Interrupt. Indicates that the device is asserting a
proximity interrupt. Writing a 1 will clear this status flag; to
enable clear-by-read function, the register CFG3.int_read_
clear must be set 1
4
Reserved
0
R, SC
Reserved
3cint
0
R, SC
Calibration Interrupt. Writing a 1 will clear this status flag; to
enable clear-by-read function, the register CFG3.int_read_
clear must be set 1
2zint
0
R, SC
Zero Detection Interrupt. Writing a 1 will clear this status
flag. Enable clear-byread with CFG3
1
psat_
reflective
0R, SC
psat interrupt is from reflective light saturation writing a 1
to psat or psat_reflective will clear this status flag; to enable
clear-by-read function, the register CFG3.int_read_clear
must be set 1
0
psat_
ambient
0R, SC
psat interrupt is from ambient light or idac threshold
saturation writing a 1 to psat or psat_ambient will clear this
status flag; to enable clear-by-read function, the register
CFG3.int_read_clear must be set 1
Addr: 0x9C
PDATA
Field
Name
Reset
Type
Description
7:0
pdata
0
RO
This register contains the 8-bit proximity data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com