Electronic Components Datasheet Search
  English  ▼

X  

TMD2620 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # TMD2620
Description  Proximity Sensor Module
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2620 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button TMD2620 Datasheet HTML 5Page - OSRAM GmbH TMD2620 Datasheet HTML 6Page - OSRAM GmbH TMD2620 Datasheet HTML 7Page - OSRAM GmbH TMD2620 Datasheet HTML 8Page - OSRAM GmbH TMD2620 Datasheet HTML 9Page - OSRAM GmbH TMD2620 Datasheet HTML 10Page - OSRAM GmbH TMD2620 Datasheet HTML 11Page - OSRAM GmbH TMD2620 Datasheet HTML 12Page - OSRAM GmbH TMD2620 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
Page 8
Datasheet, Public
Document Feedback
[v2-00] 2023-Feb-23
TMD2620 − Register Description
Device address is 0x29.
Figure 11:
Register Overview
Register Access:
• R = Read Only
• W = Write Only
• R/W = Read or Write
• SC = Self Clearing after access
Address
Register Name
R/W
Register Function
Reset Value
0x80
ENABLE
R/W
Enables states and interrupts
0x00
0x82
PRATE
R/W
Proximity sample rate
0x1F
0x83
WTIME
R/W
Wait time
0x00
0x88
PILT
R/W
Proximity interrupt low threshold
0x00
0x8A
PIHT
R/W
Proximity interrupt high threshold
0x00
0x8C
PERS
R/W
Proximity interrupt persistence filters
0x00
0x8D
CFG0
R/W
WTIME configuration
0x80
0x8E
PCFG0
R/W
Proximity pulse width and count
0x4F
0x8F
PCFG1
R/W
Proximity gain and LED current
0x80
0x91
REVID
R
Revision ID
0x92
ID
R
Device ID
0xD4
0x93
STATUS
R, SC
Device status register one
0x00
0x9C
PDATA
R
Proximity ADC data register MSBs
0x00
0x9E
REVID2
R
Reserved
0x00
0x9F
CFG2
R/W
Configuration register two
0x00
0xAB
CFG3
R/W
Configuration register three
0x0C
0xC0
POFFSET_L
R/W
Proximity offset value
0x00-0xFF
0xC1
POFFSET_H
R/W
Proximity offset sign
0x00-0xFF
0xD7
CALIB
R/W
Calibration control
0x00
0xD9
CALIBCFG
R/W
Calibration configuration
0x00
0xDC
CALIBSTAT
R/W
Calibration status bit
0x00
0xDD
INTENAB
R/W
Interrupt enables
0x00
Register Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com