Electronic Components Datasheet Search
  English  ▼

X  

TMD4903 Datasheet(PDF) 62 Page - OSRAM GmbH

Part # TMD4903
Description  Color and Proximity Sensor Module with mobeam™ Barcode Emulation and IR Remote Control
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD4903 Datasheet(HTML) 62 Page - OSRAM GmbH

Back Button TMD4903 Datasheet HTML 58Page - OSRAM GmbH TMD4903 Datasheet HTML 59Page - OSRAM GmbH TMD4903 Datasheet HTML 60Page - OSRAM GmbH TMD4903 Datasheet HTML 61Page - OSRAM GmbH TMD4903 Datasheet HTML 62Page - OSRAM GmbH TMD4903 Datasheet HTML 63Page - OSRAM GmbH TMD4903 Datasheet HTML 64Page - OSRAM GmbH TMD4903 Datasheet HTML 65Page - OSRAM GmbH TMD4903 Datasheet HTML 66Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 86 page
background image
Datasheet, Public
Page 61
[v2-00] 2022-Nov-03
Document Feedback
TMD4903 − Application Information
Timeword RAM
The Timeword RAM is a dedicated table that contains sixteen,
16-bit words which are used to set pulse and gap widths. The
pulse and gap widths are described as a multiple of carrier
periods, TCAR. For example, if the LED must modulate for 8
carrier periods, then be off for 15 carrier periods, index 0 could
be loaded with 0x0008 and index 1 could be loaded with
0x000F. A pattern RAM value of 0x01 would result in LED
activation for 8 TCARs, as stored in index 0, and a LED
deactivation for 15 TCARs.
Similarly to pattern RAM, the Timeword table also has a special
operator. If the timeword value is zero, then whatever state the
LED was in last (I.e. modulating or deactivated) will be
continued into the next pulse or gap defined in pattern RAM.
For example, if the RAM Pulse nibble (MSB) indexes a timeword
set to 5, and the gap (LSB) nibble indexes a timeword set to 0,
the LED will modulate for 5TCARs then instead of deactivating,
the modulation is continued into the next pulse in pattern RAM.
In this way pulses or gaps longer than 65535 TCARs can be
generated.
Figure 72:
Timeword RAM Table
Timeword RAM: Volatile memory used for storing 16-bit timing data.
The Timeword table is located in RAM bank two. Each 16-bit
word is accessible using two byte locations: MSB bytes are
stored in even addresses and LSBs are stored in odd addresses.
For example, if 0x2953 is to be stored at index 0, then 0x29 is
written to: bank 2, I²C address of 0x00, and 0x53 is written to
bank 2, I²C address of 0x01.
Timeword RAM
T_INDEX
T_DATA
I2C Address (Bank 1)
0
0 to 65535
0x01 8-bit MSB
0x00 8-bit LSB
1
0 to 65535
0x03 8-bit MSB
0x02 8-bit LSB
2
0 to 65535
0x05 8-bit MSB
0x04 8-bit LSB
3
0 to 65535
0x07 8-bit MSB
0x06 8-bit LSB
~~
~
~
15
0 to 65535
0x0F 8-bit MSB
0x1E 8-bit LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com