Electronic Components Datasheet Search
  English  ▼

X  

TMD4903 Datasheet(PDF) 74 Page - OSRAM GmbH

Part # TMD4903
Description  Color and Proximity Sensor Module with mobeam™ Barcode Emulation and IR Remote Control
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD4903 Datasheet(HTML) 74 Page - OSRAM GmbH

Back Button TMD4903 Datasheet HTML 70Page - OSRAM GmbH TMD4903 Datasheet HTML 71Page - OSRAM GmbH TMD4903 Datasheet HTML 72Page - OSRAM GmbH TMD4903 Datasheet HTML 73Page - OSRAM GmbH TMD4903 Datasheet HTML 74Page - OSRAM GmbH TMD4903 Datasheet HTML 75Page - OSRAM GmbH TMD4903 Datasheet HTML 76Page - OSRAM GmbH TMD4903 Datasheet HTML 77Page - OSRAM GmbH TMD4903 Datasheet HTML 78Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 86 page
background image
Datasheet, Public
Page 73
[v2-00] 2022-Nov-03
Document Feedback
TMD4903 − Application Information
Protocol Accommodation Checklist
The Remote Control pattern generation/transmission feature
can be configured to broadcast virtually all IR communication
protocols used for commanding consumer electronic devices.
There are many different remote control protocols currently in
use; and to meet the multitude of requirements the remote
control engine has been designed to be flexible. In general, a
protocol functions within the following transmission
specifications can be accommodated:
• Carrier periods are selectable in 250ns increments. Carrier
frequencies are in the range of 15.625 kHz to 460 kHz.
Protocols that do not use carriers can also be
accommodated.
• Duty cycle of the carrier is selectable: 50%, 37%, 25%, and
12%. Exact LED duty cycle depends on the external circuit.
• Pulse (LED on) and Gap (LED off) widths are a multiple of
carrier periods (TCAR). Pulse and Gap length is selectable
from 0 to 65535 carrier periods. Patterns with
exceptionally long pulses or gaps (I.e. longer than 65535
carrier periods) may be accommodated. This requires
setting contiguous pattern ram locations, but results in a
glitch-free long pulse/gap.
• A dedicated “time word” RAM table contains sixteen,
16-bit words which are used to set pulse and gap widths.
Simply stated, a pattern must contain sixteen or fewer
unique pulse/gap widths. Note: patterns containing more
than 16 unique pulse/gap widths may be accommodated
by using the 16-bit timewords as “building blocks” to form
longer pulse/gaps. For example, if a pattern has a
pulse/gap of both 3TCAR and 6TCAR, then only the 3TCAR
need be represented in the Time Word table; then the
6TCAR can be generated by indexing into the 3TCAR twice
(This requires the use of additional pattern RAM).
• A dedicated “pattern” RAM contains 256 bytes of data.
Each byte indexes into the Timeword table to form a
complete pulse and gap pair. A pattern that does not
contain a “repeated” sub-pattern must have 255 or fewer
pulse/gap pairs. A pattern that contains a “repeated”
sub-pattern must have 254 or fewer pulse/gap pairs, not
including the additional repetitions of the “repeated”
sub-pattern.
• Entire patterns can be reburst up to an additional 255
times and are separated by a selectable delay of 0
μs to
2.55s, in 10
μs increments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com