Electronic Components Datasheet Search
  English  ▼

X  

TMD4903 Datasheet(PDF) 47 Page - OSRAM GmbH

Part # TMD4903
Description  Color and Proximity Sensor Module with mobeam™ Barcode Emulation and IR Remote Control
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD4903 Datasheet(HTML) 47 Page - OSRAM GmbH

Back Button TMD4903 Datasheet HTML 43Page - OSRAM GmbH TMD4903 Datasheet HTML 44Page - OSRAM GmbH TMD4903 Datasheet HTML 45Page - OSRAM GmbH TMD4903 Datasheet HTML 46Page - OSRAM GmbH TMD4903 Datasheet HTML 47Page - OSRAM GmbH TMD4903 Datasheet HTML 48Page - OSRAM GmbH TMD4903 Datasheet HTML 49Page - OSRAM GmbH TMD4903 Datasheet HTML 50Page - OSRAM GmbH TMD4903 Datasheet HTML 51Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 86 page
background image
Page 46
Datasheet, Public
Document Feedback
[v2-00] 2022-Nov-03
TMD4903 − Register Description
Configuration Register Five (CFG5 0xAD)
Figure 56:
Configuration Register Five
76
5
4
3
2
1
0
Reserved
LONG_LTFSTOP_
DISCARD_ALS
Reserved
DISABLE_IR_
CORRECTION
PROX_FILTER_
DOWNSAMPLE
PROX_FILTER_
SIZE
PROX_
FILTER
Field
Bits
Description
Reserved
7:6
Reserved.
LONG_LTFSTOP_DISCARD_
ALS
5
Long Disruption Discard ALS. Aborts ALS integration that is
disrupted if the proximity state is entered (sensor field of view is
obstructed) or an IRBeam transmission is executed (long disruption
while LED is pulsed for an extended duration). Immediately after
proximity mode is exited or IRBeam transmission is complete, a new
ALS integration is started. When restarting ALS, this function ignores
wait configuration, which may cause more ALS measurements to
occur than expected.
Reserved
4
Reserved.
DISABLE_IR_CORRECTION
3
Disable IR Correction. Default is 1. If bit is 0, then calculate
IR=(R+G+B-C)/2 and store R'=R-IR, G', B', and C' in the color DATA
registers.
PROX_FILTER_
DOWNSAMPLE
2
Proximity Filter Downsample. If PROX_FILTER = 1, then, if asserted,
PDATA and proximity interrupt check are performed only every n
proximity samples. If not asserted, then proximity filtering uses a
moving window: PDATA is updated every cycle and proximity
interrupt is checked every cycle.
PROX_FILTER_SIZE
1
Proximity Filter Size. Determines the number of consecutive
proximity samples to average to filter out noise.
VALUE
FILTER
02 samples
PROX_FILTER
0
Proximity Filter. If asserted, enables proximity filter functionality.
Depending on PROX_FILTER_SIZE, 2 or 4 consecutive proximity
samples are averaged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com