Electronic Components Datasheet Search
  English  ▼

X  

TMD4903 Datasheet(PDF) 72 Page - OSRAM GmbH

Part # TMD4903
Description  Color and Proximity Sensor Module with mobeam™ Barcode Emulation and IR Remote Control
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD4903 Datasheet(HTML) 72 Page - OSRAM GmbH

Back Button TMD4903 Datasheet HTML 68Page - OSRAM GmbH TMD4903 Datasheet HTML 69Page - OSRAM GmbH TMD4903 Datasheet HTML 70Page - OSRAM GmbH TMD4903 Datasheet HTML 71Page - OSRAM GmbH TMD4903 Datasheet HTML 72Page - OSRAM GmbH TMD4903 Datasheet HTML 73Page - OSRAM GmbH TMD4903 Datasheet HTML 74Page - OSRAM GmbH TMD4903 Datasheet HTML 75Page - OSRAM GmbH TMD4903 Datasheet HTML 76Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 86 page
background image
Datasheet, Public
Page 71
[v2-00] 2022-Nov-03
Document Feedback
TMD4903 − Application Information
Figure 82:
External IR LED Using the GPIO Pin
Recommended Connection: Option number two.
Example Waveform and Device Setup
A practical example is included to describe how each register
is used and how to setup the device to burst a real waveform.
The physical waveform, as seen on an oscilloscope, is described
by the depiction in Figure 80. The Figure 83 depicts the
mechanics to precondition the remote control engine for
proper operation.
TMD4903
1
2
3
4
5
VDD
GND
LEDA
INT
SCL
SDA
7
8
LDR
1µF
1µF >4.7µF
22Ω
VDD
VBUS
6
Remote Control Circuit Option #2
GPIO
VDD
VLED
VLED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com